Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPV-1500-24 Datasheet(PDF) 4 Page - Total Power International

Part # SPV-1500-24
Description  1500W Single Output Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

SPV-1500-24 Datasheet(HTML) 4 Page - Total Power International

  SPV-1500-24 Datasheet HTML 1Page - Total Power International SPV-1500-24 Datasheet HTML 2Page - Total Power International SPV-1500-24 Datasheet HTML 3Page - Total Power International SPV-1500-24 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Authorized Distributor: Total Power International, Inc.
Toll Free: 877-646-0900(US)
PH# (978)453-7272
www.total-power.com
3.ExternalVoltageControl
Note:Referencevoltageterminal,PSandPVareconnectedwhenshipping
4.CurrentSharing
(1)Paralleloperationisavailablebyconnectingtheunitsshownasbelow
(+S,-SandLSareconnectedmutuallyinparallel):
(2)Thevoltagedifferenceamongeachoutputshouldbeminimizedthatlessthan 2%isrequired
(3)Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation
(4)Inparalleloperation3unitsisthemaximum,pleaseconsultthemanufacturerforother
applications
(5)Whenremotesensingisusedinparalleloperation,thesensingwiremustbeconnectedonly
tothemasterunit
(Outputcurrentatparalleloperation)=(Theratedcurrentperunit)x(Numberofunit)x0.9
2.AlarmSignalOutput
(1)Alarmsignalissentoutthrough"P OK"&"P OKGND"pins
(2)Anexternalvoltagesourceisrequiredforthisfunction. Themaximumappliedvoltage
is50Vandthemaximumsinkcurrentis10mA
(3)Table2.1explainsthealarmfunctionbuilt-inthepowersupply
Fig.2.2InternalcircuitofP OK(Opencollectormethod)
ExternalvoltageandR
(Themax.sinkis10mA and50V)
P OKGND
P OK
Function
P OK
Thesignalis"Low"whenthepowersupplyis
15%oftheratedoutputvoltage-PowerOK
above
Low
(0.5Vmaxat10mA)
Description
Outputofalarm(P OK)
Thesignalturnstobe"High"whenthepowersupply
isunder15%oftheratedoutputvoltage-PowerFail
Highoropen
(Externalappliedvoltage
10mA max.)
R
V
0.1uF
100K
+S
Load
V-
V+
-S
LS
LS
-S
+S
CN1
CN2
No.1(Master)
AC/L AC/N
No.2(Slave)
AC/L AC/N
LS
V-
+S
-S
LS
-S
+S
CN1
CN2
V+
AC/L AC/N
LS
V-
+S
-S
LS
-S
+S
CN1
CN2
V+
No.3(Slave)
+V
-V
+S
-S
Table2.1Explanationofalarmfunction
1
2
3
4
5
6
V
Vout
100
120
40
60
80
20
EXTERNAL VOLTAGE(DC)
Non-Linear
OVP 120%(Typ.)
40
60
80
100
120
V
100
40
60
80
20
OUTPUTVOLTAGE(%)
20
+S
+V
+V
-V
LOAD
-V
-S
PV
1~6V
-S
PS
Note:Inparallelconnection,maybeonlyoneunit(master)operateifthetotaloutputloadis
lessthan5%ofratedloadcondition.
TheotherPSUs(slaves)maygointostandbymodeandtheiroutputLEDswillnotturnon.
1500WSingleOutputPowerSupply
S P V- 1 5 0 0 series


Similar Part No. - SPV-1500-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-1500-24 MEANWELL-SPV-1500-24 Datasheet
337Kb / 4P
   1500W Single Output Power Supply
SPV-1500-24 MEANWELL-SPV-1500-24 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SPV-1500-24 MEANWELL-SPV-1500-24 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
More results

Similar Description - SPV-1500-24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
RSP-1500_1112 MEANWELL-RSP-1500_1112 Datasheet
310Kb / 4P
   1500W Single Output Power Supply
RSP-1500 MEANWELL-RSP-1500 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com