Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR121003FB Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # CR121003FB
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CR121003FB Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  CR121003FB Datasheet HTML 1Page - American Accurate Components, Inc. CR121003FB Datasheet HTML 2Page - American Accurate Components, Inc. CR121003FB Datasheet HTML 3Page - American Accurate Components, Inc. CR121003FB Datasheet HTML 4Page - American Accurate Components, Inc. CR121003FB Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
American Accurate Components, Inc.
Thick Film Chip Resistors
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
4
EIA Standard Values
Decade Values in the EIA Standard E-24 Series:
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
Decade Values in the EIA Standard E-96 Series:
1.00
2.10
4.22
8.25
16.9
32.4
59.0
1.02
2.15
4.32
8.45
17.4
33.0
60.4
1.05
2.20
4.42
8.56
17.8
33.2
61.9
1.07
2.21
4.53
8.87
18.0
34.0
62.0
1.10
2.26
4.64
9.09
18.2
34.8
63.4
1.13
2.32
4.70
9.31
18.7
35.7
64.9
1.15
2.37
4.75
9.53
19.1
36.0
65.5
1.18
2.43
4.87
9.76
19.6
36.5
68.0
1.21
2.49
4.99
10.0
20.0
37.4
68.1
1.24
2.56
5.11
10.2
20.5
38.3
69.8
1.27
2.61
5.23
10.5
21.0
39.0
71.5
1.30
2.67
5.36
10.7
21.5
39.2
73.2
1.33
2.74
5.49
11.0
22.0
40.2
75.0
1.37
2.80
5.60
11.3
22.1
41.2
76.8
1.40
2.87
5.62
11.5
22.6
42.2
78.7
1.43
2.94
5.76
11.8
23.2
43.0
80.6
1.47
3.00
5.90
12.0
23.7
43.2
82.0
1.50
3.01
6.04
12.1
24.0
44.2
82.5
1.54
3.09
6.19
12.4
24.3
45.3
84.5
1.58
3.16
6.20
12.7
24.9
46.4
86.6
1.62
3.24
6.34
13.0
25.5
47.0
88.7
1.65
3.32
6.49
13.3
26.1
47.5
90.9
1.69
3.40
6.65
13.7
26.7
48.7
91.0
1.74
3.48
6.80
14.0
27.0
49.9
93.1
1.78
3.57
6.81
14.3
27.4
51.0
95.3
1.80
3.65
6.98
14.7
28.0
51.1
97.6
1.82
3.74
7.15
15.0
28.7
52.3
1.87
3.83
7.35
15.4
29.4
53.6
1.91
3.90
7.50
15.8
30.0
54.9
1.96
3.92
7.68
16.0
30.1
56.0
2.00
4.02
7.87
16.2
30.9
56.2
2.05
4.12
8.06
16.5
31.6
57.6
Those items in a shaded box are also E-24 values and will be
marked with the EIA 3 Digit Code.
VALUE MARKING
For those parts ordered with an E-24 value, the product will be
marked with a 3 digit code. For those products ordered with an
E-96 value, the product will be marked with a 4 digit code. For
those parts which fall under E-96 and E-24 values (e.g. 1K ohm
is both an E-96 and E-24 value), the part will be marked with a 3
digit code; 4 digit markings for this type is available upon special
request.
01005, 0201, and 0402 Size
No marking
E-24 & E-96 Values
0603 Size
EIA 96 Digit Code of 3.32K ohm
E-96 Values
0603, 0805, 1206, 1210, 2010, 2512 Sizes
EIA 3 Digit Code of 10K ohm resistor
E-24 Values, E-96 Values
0805, 1206, 1210, 2010, 2512 Sizes
EIA 4 Digit Code of 121K ohm resistor
E-96 Values
0603 MARKING CODE for E96 VALUES
By combining a specific two digit number and a letter code, you
have a series of numeric/alpha digits that give you the complete
(E96) resistance value codes for 0603 size part marking.
Value
Code
Value
Code
Value
Code
Value
Code
10.0
01
17.8
25
31.6
49
56.2
73
10.2
02
18.2
26
32.4
50
57.6
74
10.5
03
18.7
27
33.2
51
59.0
75
10.7
04
19.1
28
34.0
52
60.4
76
11.0
05
19.6
29
34.8
53
61.9
77
11.3
06
20.0
30
35.7
54
63.4
78
11.5
07
20.5
31
36.5
55
64.9
79
11.8
08
21.0
32
37.4
56
66.5
80
12.1
09
21.5
33
38.3
57
68.1
81
12.4
10
22.1
34
39.2
58
69.8
82
12.7
11
22.6
35
40.2
59
71.5
83
13.0
12
23.3
36
41.2
60
73.2
84
13.3
13
23.7
37
42.2
61
75.0
85
13.7
14
24.3
38
43.2
62
76.8
86
14.0
15
24.9
39
44.2
63
78.7
87
14.3
16
25.5
40
45.3
64
80.6
88
14.7
17
26.1
41
46.4
65
82.5
89
15.0
18
26.7
42
47.5
66
84.5
90
15.4
19
27.4
43
48.7
67
86.6
91
15.8
20
28.0
44
49.9
68
88.7
92
16.2
21
28.7
45
51.1
69
90.9
93
16.5
22
29.4
46
52.3
70
93.1
94
16.9
23
30.1
47
53.6
71
95.3
95
17.4
24
30.9
48
54.9
72
97.6
96
Letter Multiplier Cross Reference
A =10
C = 1,000
E = 100,000
X = 1
B = 100
D = 10,000
F = 1,000,000
Y = 0.1
0603 Code
Explanation
Value
01B
01 = 10.0 & B = 100
10.0x100 = 1K Ω
25C
25 = 17.8 & C = 1,000
17.8x1,000 = 17.8K Ω
93D
93 = 90.9 & D = 10,000
90.9 x 10,000 = 909K Ω
PACKAGE QUANTITY
Type
01005
0201
0402
0603
0805
B
25,000
10,000
M
15,000
10,000
10,000
5,000
5,000
V
40,000
40,000
20,000
20,000
Type
1206
1210
2010
2512
B
5,000
M
5,000
5,000
4,000
4,000
V
20,000
20,000
20,000
20,000
51B
1213
103


Similar Part No. - CR121003FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1210 ETC1-CR1210 Datasheet
168Kb / 4P
   TAD THICK FILM CHIP RESISTORS
logo
Silicon Laboratories
CR1210-2W-1000F SILABS-CR1210-2W-1000F Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Skyworks Solutions Inc.
CR1210-2W-150J SKYWORKS-CR1210-2W-150J Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
CR1210-2W-150J SKYWORKS-CR1210-2W-150J Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
CR1210-2W-150J SKYWORKS-CR1210-2W-150J Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - CR121003FB

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com