Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-150-15 Datasheet(PDF) 1 Page - Total Power International

Part # SP-150-15
Description  Universal AC input / full range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

SP-150-15 Datasheet(HTML) 1 Page - Total Power International

  SP-150-15 Datasheet HTML 1Page - Total Power International SP-150-15 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SPECIFICATION
SP-150-3.3
SP-150-5
SP-150-7.5
SP-150-12
SP-150-13.5 SP-150-15
SP-150-24
SP-150-27
SP-150-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE
REMOTECONTROL(OPTION)
FUNCTION
ACCURRENT
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
30A
30A
20A
12.5A
11.2A
10A
6.3A
5.6A
3.2A
0~30A
0~30A
0~20A
0~12.5A
0~11.2A
0~10A
0~6.3A
0~5.6A
0~3.2A
99W
150W
150W
150W
151.2W
150W
150W
151.2W
153.6W
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
150mVp-p
150mVp-p
250mVp-p
2.0%
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.3~16.5V 22.8~26.4V 25.7~29.7V 45.6~52.8V
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
600ms,30ms,20msatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.93/230VACPF>0.98/115VACatfullload
67%
75%
79%
80%
80%
81%
83%
84%
84%
2.5A/115VAC1.2A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
3.63~4.46V 5.5~6.75V
8.25~10.13V 13.2~16.2V 14.85~18.2V 16.5~20.25V 26.4~32.4V 29.7~36.45V 52.8~64.8V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
95
5
(TSW1:Detectonheatsinkofpowertransistor)
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
CN1:4~10VDCPOWERON,<0~0.8VDCPOWEROFF
UL1950, TUVEN60950andS-MARKJ60950 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
191.2Khrsmin.MIL-HDBK-217F(25
)
199*99*50mm(L*W*H)
0.75Kg;20pcs/15Kg/1.28CUFT
150WSingleOutputwithPFCFunction
S P - 1 5 0 series
Universal AC input / full range
Built-in active PFC function, PF>0.93
Protections:Short circuit/Over load/Over voltage/Over temperature
Built-in constant current limiting circuit
Remote ON-OFF control(Optional)
LED indicator for power on
100% full load burn-in test
Fixed switching frequency at PFC:67KHz PWM:134KHz
3 years warranty
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
TOTAL POWER INT'L


Similar Part No. - SP-150-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-150-15 ASTRODYNE-SP-150-15 Datasheet
375Kb / 2P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-150-15 MEANWELL-SP-150-15 Datasheet
338Kb / 2P
   150W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-150-15 RSG-SP-150-15 Datasheet
1Mb / 2P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-150-15 MEANWELL-SP-150-15 Datasheet
348Kb / 2P
   150W Single Output with PFC Function
SP-150-15 MEANWELL-SP-150-15 Datasheet
347Kb / 2P
   150W Single Output with PFC Function
More results

Similar Description - SP-150-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com