Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR0402KK-131KL Datasheet(PDF) 2 Page - YAGEO Corporation

Part # SR0402KK-131KL
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR0402KK-131KL Datasheet(HTML) 2 Page - YAGEO Corporation

  SR0402KK-131KL Datasheet HTML 1Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 2Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 3Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 4Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 5Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 6Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 7Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 8Page - YAGEO Corporation SR0402KK-131KL Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
2
12
Y
YA
AG
GEEO
O B
BR
RA
AN
ND
D oorrddeerriinngg ccooddee
GLOBAL PART NUMBER (PREFERSRED)
YC
XXX – X X X XX XXXX L/T
TC (1)
(2) (3) (4) (5)
(6)
(7)
(1) SIZE
YC:102/104/122/124/162/164/248/324/158T/358L/358T
TC: 122/124/164
(2) TOLERANCE
F = ± 1%
J = ± 5% (for Jumper ordering, use code of J)
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed plastic tape reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
13 = 13 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(7) DEFAULT CODE
Letter L is the system default code for ordering only. (Note)
Letter T is the only default code for YC102.
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
YC (convex, flat) and TC (concave)
series chip resistor arrays with lead-
free terminations made by thick film
process.
APPLICATIONS
Terminal for SDRAM and
DDRAM
Computer applications: laptop
computer, desktop computer
Consume electronic equipments:
PDAs, PNDs
Mobile phone, telecom…
FEATURES
More efficient in pick & place
application
Low assembly costs
RoHS compliant
Products with lead free
terminations meet RoHS
requirements
Pb-glass contained in
electrodes
Resistor element and glass
are exempted by RoHS
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
None forbidden-materials used
in products/production
Halogen Free Epoxy
ORDERING EXAMPLE
The ordering code of a YC122
convex chip resistor array, value
1,000 Ω with ±5% tolerance,
supplied in 7-inch tape reel is:
YC122-JR-071KL.
NOTE
1. All our RSMD products meet RoHS
compliant. "LFP" of the internal 2D reel
label mentions "Lead Free Process"
2. On customized label, "LFP" or specific
symbol printed and the optional "L" at
the end of GLOBAL PART NUMBER /
12NC can be added (both are on
customer request)
Resistance rule of global part
number
Resistance code rule
Example
0R
0R = Jumper
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XM
(1 MΩ)
1M = 1,000,000 Ω


Similar Part No. - SR0402KK-131KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0402KK-131KL YAGEO-SR0402KK-131KL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR0402KK-131KL

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com