Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SDR-480 Datasheet(PDF) 2 Page - Total Power International

Part No. SDR-480
Description  480W Single Output Industrial DIN RAIL with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOTAL-POWER [Total Power International]
Homepage  http://www.total-power.com
Logo 

SDR-480 Datasheet(HTML) 2 Page - Total Power International

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mechanical Specification
Case No.984A
Unit:mm
Block Diagram
DC OK Relay Contact
Contact Close
When the output voltage reaches the adjusted output voltage.
When the output voltage drop below 90% output voltage.
30V/1A resistive load
Contact Open
Contact Ratings (max.)
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
U.V.P.
EMI FILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
DC OK
-V
I/P
FG
CONTROL
O.V.P.
&
O.C.P.
PFC
CIRCUIT
PFC
CONTROL
SDR-480 series
480W Single Output Industrial DIN RAIL with PFC Function
1
2
3
4
5
6
7
8
1
2
3
125.2
TB2
TB1
Terminal Pin No. Assignment (TB1)
Terminal Pin No. Assignment (TB2)
Pin No.
Pin No.
1
1,2
2
3,4
5,6
7,8
3
Assignment
Assignment
FG
AC/L
AC/N
DC OUTPUT +V
DC OUTPUT -V
Relay Contact
NC
ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US)PH# (978) 453-7272 www.total-power.com


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn