Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-3000 Datasheet(PDF) 3 Page - Total Power International

Part # RSP-3000
Description  3000W Single Output Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

RSP-3000 Datasheet(HTML) 3 Page - Total Power International

  RSP-3000 Datasheet HTML 1Page - Total Power International RSP-3000 Datasheet HTML 2Page - Total Power International RSP-3000 Datasheet HTML 3Page - Total Power International RSP-3000 Datasheet HTML 4Page - Total Power International RSP-3000 Datasheet HTML 5Page - Total Power International RSP-3000 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FunctionManual
1.RemoteON/OFF
(1)RemoteON/OFFcontrolbecomesavailablebyapplyingvoltageinCN1&CN2&CN3.
(2)Table1.1showsthespecificationofRemoteON/OFFfunction.
(3)Fig.1.2showstheexampletoconnectRemoteON/OFFcontrolfunction.
FileName:RSP-3000-SPEC2009-09-21
Table1.1SpecificationofRemoteON/OFF
Fig.1.2ExamplesofconnectingremoteON/OFF
ConnectionMethod
SWLogic
Outputon
SWOpen
SWOpen
SWOpen
Fig.1.2(A)
Fig.1.2(B)
Fig.1.2(C)
Outputoff
SWClose
SWClose
SWClose
AUX
12Vtyp.
AUXG
1K
RCG
RC
SW
12V
1K
RC
12Vtyp.
RCG
AUXG
AUX
(A)Usingexternalvoltagesource
(B)Usinginternal12Vauxiliaryoutput
SW
1K
RC
12Vtyp.
AUXG
SW
RCG
(C)Usinginternal12Vauxiliaryoutput
AUX
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
20
40
60
50
80
100
-20
0
10
20
30
40
50
60
70
INPUTVOLTAGE(V)60Hz
100
90
80
70
60
Ta=25
180
185
190
195
200
210
220
230
240
250
264
(HORIZONTAL)
3000WSingleOutputPowerSupply
R S P - 3 0 0 0 series
1K


Similar Part No. - RSP-3000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
RSP-3000 MEANWELL-RSP-3000 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
RSP-3000-12 MEANWELL-RSP-3000-12 Datasheet
359Kb / 6P
   3000W Single Output Power Supply
More results

Similar Description - RSP-3000

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000_10 Datasheet
373Kb / 6P
   3000W Single Output Power Supply
logo
COTEK ELECTRONIC IND. C...
AK3000 COTEK-AK3000 Datasheet
559Kb / 6P
   3000W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-3000 MEANWELL-RSP-3000_12 Datasheet
359Kb / 6P
   3000W Single Output Power Supply
RSP-3000 MEANWELL-RSP-3000 Datasheet
329Kb / 5P
   3000W Single Output Power Supply
CSP-3000 MEANWELL-CSP-3000 Datasheet
1Mb / 10P
   3000W Power Supply with Single Output
logo
COTEK ELECTRONIC IND. C...
AE-3000 COTEK-AE-3000 Datasheet
3Mb / 6P
   3000W Programmable Single Output
22/02/16
logo
Bel Fuse Inc.
PFE3000-12-069RA BEL-PFE3000-12-069RA_18 Datasheet
2Mb / 27P
   3000W AC-DC FRONT-END POWER SUPPLY
PFF3000-12-069RD BEL-PFF3000-12-069RD Datasheet
1Mb / 25P
   3000W DC-DC FRONT-END POWER SUPPLY
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com