Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-150-3.3 Datasheet(PDF) 2 Page - Total Power International

Part # RS-150-3.3
Description  150W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

RS-150-3.3 Datasheet(HTML) 2 Page - Total Power International

  RS-150-3.3 Datasheet HTML 1Page - Total Power International RS-150-3.3 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.902A Unit:mm
StaticCharacteristics
3.5
197
6.5
190
22
157
4.5
7
6
5
4
3
2
1
120
199
57.5
4-
M
3
3-M
3
TerminalPin.No Assignment
PinNo.
PinNo.
2
1
4,5
3
6,7
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/N
AC/L
INPUTVOLTAGE(VAC)60Hz
88
176
100
200
95
190
120
240
115
230
132
264
Ta=25
90
100
80
70
60
50
40
AMBIENTTEMPERATURE(
)
-25
-25
0
0
10
20
30
40
50
60
70
20
40
60
80
100
(VERTICAL)
(HORIZONTAL)
3.3V,5V
Others
OutputDerating
150WSingleOutputSwitchingPowerSupply
R S - 1 5 0 series
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - RS-150-3.3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-150-3.3 ASTRODYNE-RS-150-3.3 Datasheet
496Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-150-3.3 MEANWELL-RS-150-3.3 Datasheet
418Kb / 2P
   150W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-150-3.3 RSG-RS-150-3.3 Datasheet
180Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-150-3.3 MEANWELL-RS-150-3.3 Datasheet
427Kb / 2P
   150W Single Output Switching Power Supply
RS-150-3.3 MEANWELL-RS-150-3.3 Datasheet
427Kb / 2P
   150W Single Output Switching Power Supply
More results

Similar Description - RS-150-3.3

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com