Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSPIN32F0 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STSPIN32F0
Description  Three-phase gate drivers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STSPIN32F0 Datasheet HTML 4Page - STMicroelectronics STSPIN32F0 Datasheet HTML 5Page - STMicroelectronics STSPIN32F0 Datasheet HTML 6Page - STMicroelectronics STSPIN32F0 Datasheet HTML 7Page - STMicroelectronics STSPIN32F0 Datasheet HTML 8Page - STMicroelectronics STSPIN32F0 Datasheet HTML 9Page - STMicroelectronics STSPIN32F0 Datasheet HTML 10Page - STMicroelectronics STSPIN32F0 Datasheet HTML 11Page - STMicroelectronics STSPIN32F0 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Electrical data
STSPIN32F0
8/40
DocID029806 Rev 2
3.2
ESD protections
3.3
Recommended operating conditions
3.4
Thermal data
Table 2. ESD protection ratings
Symbol
Parameter
Test condition
Class Value Unit
HBM
Human body model
Conforming to ANSI/ESDA/JEDEC
JS-001-2014
H2
2
kV
CDM
Charge device model
Conforming to ANSI/ESDA/JEDEC
JS-002-2014
C2
750
V
Table 3. Recommended operating conditions
Symbol
Parameter
Test condition Min.
Typ.
Max.
Unit
VM
Power supply voltage
-
8(1)
1. UVLO threshold VMon_max.
-45
V
dVM/dt Power supply voltage slope
VM = 45 V
-
-
0.75
V/µs
VDDA
DC/DC regulator output voltage
-
-
3.3
-
V
LSW
Output inductance
-
-
22
-
µH
CDDA
Output capacitance
-
47
-
-
µF
ESRDDA Output capacitor ESR
-
-
-
200
m
VREG12
Linear regulator output and gate
driver supply voltage
13 < VM < 45 V
-
12
-
V
Shorted to VM
8(1)
-15
CREG
Load capacitance
-
1
10
-
µF
ESRREG ESR load capacitance
-
-
-
1.2
VBO
Floating supply voltage(2)
2. VBO = VBOOT - VOUT.
--
VREG12 - 1
15
V
VCP
Comparator input voltage
-
0
-
1
V
Tj
Operating junction temperature
Analog IC
-40
-
125
°C
MCU(3)
3. See the STM32F031C6 datasheet (suffix 7 version).
-40
-
125
°C
Table 4. Thermal data(1)
1. Calculated by simulation with following boundary condition. The 2s2p board as per the std. JEDEC
(JESD51-7) in natural convection. Board dimensions: 114.3 x 76.2 x 1.6 mm. Ambient temperature: 25 °C.
Symbol
Parameter
Value
Unit
Rth (JA)
Thermal resistance junction to ambient
45.6
°C/W


Similar Part No. - STSPIN32F0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSPIN32F0251 STMICROELECTRONICS-STSPIN32F0251 Datasheet
1Mb / 32P
   Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0251Q STMICROELECTRONICS-STSPIN32F0251Q Datasheet
1Mb / 32P
   Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0251QTR STMICROELECTRONICS-STSPIN32F0251QTR Datasheet
1Mb / 32P
   Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0251TR STMICROELECTRONICS-STSPIN32F0251TR Datasheet
1Mb / 32P
   Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
STSPIN32F0252 STMICROELECTRONICS-STSPIN32F0252 Datasheet
1Mb / 32P
   Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
Rev 4 - February 2021
More results

Similar Description - STSPIN32F0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IM240 INFINEON-IM240 Datasheet
833Kb / 27P
   600V three-phase inverter including gate drivers
Revision 2.2 2020-07-08
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com