Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3064 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TLP3064
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP3064 Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3064
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating
(Ta ≥ 25°C)
∆IF / °C
-0.3
mA / °C
Peak forward current
(100µs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal
voltage
VDRM
600
V
Ta=25°C
100
On
-state RMS
current
Ta=70°C
IT(RMS)
50
mA
On
-state current derating
(Ta ≥ 25°C)
∆IT / °C
-1.1
mA / °C
Peak on
-state current
(100µs pulse, 120pps)
ITP
2
A
Peak nonrepetitive surge
current (PW=10ms, DC=10%)
ITSM
1.2
A
Junction temperature
Tj
115
°C
Storage temperature range
Tstg
-55~150
°C
Operating temperature range
Topr
-40~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage
(AC, 1min., R.H. ≤ 60%)
(Note 1)
BVS
5000
Vrms
(Note 1) Device considered a two terminal device=Pins 1, 2 and 3 shorted together
and pins 4 and 6 shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
240
Vac
Forward current
IF
4.5
6
7.5
mA
Peak on
-state current
ITP
1
A
Operating temperature
Topr
-10
85
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3530TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3540TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET 1 2 3 4 Toshiba Semiconductor
TLP747JFTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 Toshiba Semiconductor
TLP372TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP197ATOSHIBA PHOTOCOUPLER PHOTO RELAY 1 2 3 4 5 MoreToshiba Semiconductor
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn