Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3064 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3064
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3064 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3064 Datasheet HTML 1Page - Toshiba Semiconductor TLP3064 Datasheet HTML 2Page - Toshiba Semiconductor TLP3064 Datasheet HTML 3Page - Toshiba Semiconductor TLP3064 Datasheet HTML 4Page - Toshiba Semiconductor TLP3064 Datasheet HTML 5Page - Toshiba Semiconductor TLP3064 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3064
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo−Triac
TLP3064
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP3064 consists of a zero voltage crossing turn−on
photo−triac optically coupled to a GaAℓAs infrared emitting diode in a
six lead plastic DIP package.
· Peak off−state voltage: 600V(min.)
· Trigger LED current: 3mA(max.)
· On−state current: 100mA(max.)
· Isolation voltage: 5000Vrms(min.)
· UL recognized: UL1577, file no. E67349
· Option(D4) type
VDE approved: DIN VDE0884 / 06.92,
Certificate no.83649
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 8000VPK
(Note) When a VDE0884 approved type is needed,
please designate the “Option(D4)”
7.62mm pich
10.16mm pich
standard type
(LF2)type
·
Creepage distance: 7.0mm(min.)
8.0mm(min.)
Clearance: 7.0mm(min.)
8.0mm(min.)
Insulation thickness: 0.5mm(min.)
0.5mm(min.)
Pin Configurations(top view)
4
1: ANODE
2: CATHODE
3: N.C.
4: TERMINAL 1
6: TERMINAL 2
6
1
2
3
ZC
(ZC : Zero-cross Circuit)
Unit in mm
TOSHIBA
11−9A2
Weight: 0.44 g


Similar Part No. - TLP3064

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3064 TOSHIBA-TLP3064 Datasheet
199Kb / 6P
   GaAlAs IRED & PHOTO-TRIAC
TLP3064S TOSHIBA-TLP3064S Datasheet
199Kb / 6P
   GaAlAs IRED & PHOTO-TRIAC
TLP3064 TOSHIBA-TLP3064_07 Datasheet
199Kb / 6P
   GaAlAs IRED & PHOTO-TRIAC
More results

Similar Description - TLP3064

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
   TOSHIBA Photocoupler GaAs IRED&Photo-triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3526 TOSHIBA-TLP3526 Datasheet
167Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com