Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP3064 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP3064
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP3064 Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP3064
2002-09-25
5
Ambient temperature Ta (℃)
Normalized VDRM - Ta
100
20
40
20
0
40
60
80
0.6
0.2
0.8
0.4
1.0
1.2
1.4
Ambient temperature Ta (℃)
Normalized IH - Ta
100
20
40
20
0
40
60
80
0.3
0.1
0.5
1
1.2
2
3
Normalized IDRM - Ta
VDRM=Rated
100
40
0
20
60
80
10
0
10
1
10
2
10
3
Ambient temperature Ta (℃)
Normalized IIH - Ta
100
20
40
20
0
40
60
80
0.3
0.1
0.5
1
1.2
2
3
IF=Rated IFT
VT=Rated VDRM
Ambient temperature Ta (℃)
Normalized VIH - Ta
IF=Rated IFT
Ambient temperature Ta (℃)
100
20
40
20
0
40
60
80
0.3
0.1
0.5
1
1.2
2
3
Ambient temperature Ta (℃)
Normalized IFT - Ta
VT=6V
100
20
40
20
0
40
60
80
0.3
0.1
0.5
1
1.2
2
3


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLP3526TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP3530TOSHIBA Photocoupler GaAs Ired & Photo-Triac 1 2 3 4 5 MoreToshiba Semiconductor
TLP741GTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 3 4 5 MoreToshiba Semiconductor
TLP3540TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET 1 2 3 4 Toshiba Semiconductor
TLP747JFTOSHIBA Photocoupler GaAs Ired & Photo-Thyristor 1 2 Toshiba Semiconductor
TLP372TOSHIBA Photocoupler GaAs Ired & Photo-Transistor 1 2 3 4 5 MoreToshiba Semiconductor
TLP197ATOSHIBA PHOTOCOUPLER PHOTO RELAY 1 2 3 4 5 MoreToshiba Semiconductor
TLP181_02GaAs Ired and Photo−Transistor 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn