Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358IDDURG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358IDDURG4
Description  Low-Voltage Rail-to-Rail Output Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358IDDURG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV358IDDURG4 Datasheet HTML 5Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 6Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 7Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 8Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 9Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 10Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 11Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 12Page - Texas Instruments LMV358IDDURG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
0
100
200
300
400
500
600
700
0
1
2
3
4
5
LMV3xx
LMV324S
VCC − Supply Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
6
−60
−50
−40
−30
−20
−10
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80
LMV3xx
LMV324S
TA − °C
VCC = 5 V
VI = VCC/2
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2.0
Output Voltage − V
VCC = ±2.5 V
RL = 1 M
AV = 10
VO = 100 mVPP
_
+
VI
−2.5 V
RL
+2.5 V
VO
CL
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
134 k
1.21 M
0.500
0.600
0.700
0.800
0.900
1.000
1.100
1.200
1.300
1.400
1.500
2.5
3.0
3.5
4.0
4.5
5.0
PSLEW
NSLEW
NSLEW
− Supply Voltage − V
LMV3xx
PSLEW
RL = 100 k
VCC
Gain
LMV324S
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2.0
Output Voltage − V
VCC = ±2.5 V
RL = 2 k
AV = 10
VO = 100 mVPP
_
+
VI
−2.5 V
RL
+2.5 V
VO
CL
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
134 k
1.21 M
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2.0
Output Voltage − V
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
VCC = ±2.5 V
AV = +1
RL = 1 M
VO = 100 mVPP
_
+
VI
2.5 V
RL
2.5 V
VO
CL
LMV358, LMV321, LMV324, LMV324S
www.ti.com
SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 7. Stability
Figure 8. Stability
vs Capacitive Load
vs Capacitive Load
Figure 10. Slew Rate
Figure 9. Stability
vs Supply Voltage
vs Capacitive Load
Figure 12. Input Current
Figure 11. Supply Current
vs Temperature
vs Supply Voltage - Quad Amplifier
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV358 LMV321 LMV324 LMV324S


Similar Part No. - LMV358IDDURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358IDDURG4 TI-LMV358IDDURG4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IDDURG4 TI-LMV358IDDURG4 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IDDURG4 TI-LMV358IDDURG4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358IDDURG4 TI-LMV358IDDURG4 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358IDDURG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com