Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP628 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP628
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP628 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP628 Datasheet HTML 1Page - Toshiba Semiconductor TLP628 Datasheet HTML 2Page - Toshiba Semiconductor TLP628 Datasheet HTML 3Page - Toshiba Semiconductor TLP628 Datasheet HTML 4Page - Toshiba Semiconductor TLP628 Datasheet HTML 5Page - Toshiba Semiconductor TLP628 Datasheet HTML 6Page - Toshiba Semiconductor TLP628 Datasheet HTML 7Page - Toshiba Semiconductor TLP628 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP628,TLP628
−2,TLP628−4
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Rating
Charactoristic
Symbol
TLP628
TLP628
-2
TLP628
-4
Unit
Forward current
IF
60
50
mA
Forward current derating
∆IF / °C
-0.7 (Ta ≥ 39°C) -0.5 (Ta ≥ 25°C) mA / °C
Pulse forward current
IFP
1 (100µs pulse, 100pps)
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
-emitter voltage
VCEO
350
V
Emitter
-collector valtage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation (1 circuit)
PC
150
100
mW
Collector power dissipation derating
(Ta ≥ 25°C, 1 circuit)
∆PC / °C
-1.5
-1.0
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Operating temperature range
Topr
-55~100
°C
Lead soldering temperature
Tsol
260 (10s)
°C
Total package power dissipation (1 circuit)
PT
200
150
mW
Total package power dissipation derating
(Ta ≥ 25°C, 1 circuit)
∆PT / °C
-2.0
-1.5
mW / °C
Isolation voltage
BVS
5000 (AC, 1min., R.H. ≤ 60%)
(Note 1)
Vrms
(Note 1) Device considered a two terminal device: LED side pins shorted together and
detector side pins shorted together.
Recommended Operating Conditions
Characterictic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
200
V
Forward current
IF
16
25
mA
Collector current
IC
10
mA
Operating temperature
Topr
-25
85
°C


Similar Part No. - TLP628

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628 Datasheet
252Kb / 8P
   Programmable Controllers
TLP628-2 TOSHIBA-TLP628-2 Datasheet
252Kb / 8P
   Programmable Controllers
logo
List of Unclassifed Man...
TLP628-3 ETC1-TLP628-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
logo
Toshiba Semiconductor
TLP628-4 TOSHIBA-TLP628-4 Datasheet
252Kb / 8P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
More results

Similar Description - TLP628

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com