Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM365ZCEW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DM365ZCEW
Description  Digital Media System-on-Chip (DMSoC)
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM365ZCEW Datasheet(HTML) 8 Page - Texas Instruments

Back Button DM365ZCEW Datasheet HTML 4Page - Texas Instruments DM365ZCEW Datasheet HTML 5Page - Texas Instruments DM365ZCEW Datasheet HTML 6Page - Texas Instruments DM365ZCEW Datasheet HTML 7Page - Texas Instruments DM365ZCEW Datasheet HTML 8Page - Texas Instruments DM365ZCEW Datasheet HTML 9Page - Texas Instruments DM365ZCEW Datasheet HTML 10Page - Texas Instruments DM365ZCEW Datasheet HTML 11Page - Texas Instruments DM365ZCEW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 210 page
background image
TMS320DM365
SPRS457E
– MARCH 2009 – REVISED JUNE 2011
www.ti.com
Table 2-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
DEVICE
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
Device Compatibility
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
2.3
ARM Subsystem Overview
The ARM Subsystem contains components required to provide the ARM926EJ-S (ARM) master control of
the overall device system, including the components of the ARM Subsystem, the peripherals, and the
external memories.
The ARM is responsible for handling system functions such as system-level initialization, configuration,
user interface, user command execution, connectivity functions, interface and control of the subsystem,
etc. The ARM is master and performs these functions because it has a large program memory space and
fast context switching capability, and is thus suitable for complex, multi-tasking, and general-purpose
control tasks.
2.3.1
Components of the ARM Subsystem
The ARM Subsystem consists of the following components:
ARM926EJ-S RISC processor, including:
– coprocessor 15 (CP15)
– MMU
– 16KB Instruction cache
– 8KB Data cache
– Write Buffer
– Java accelerator
ARM Internal Memories
– 32KB Internal RAM (32-bit wide access)
– 16KB Internal ROM (ARM bootloader for non-AEMIF boot modes)
Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
System Control Peripherals
– ARM Interrupt Controller
– PLL Controller
– Power and Sleep Controller
– System Control Module
The ARM also manages/controls all the device peripherals.
Figure 2-1 shows the functional block diagram of the ARM Subsystem.
8
Device Overview
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM365


Similar Part No. - DM365ZCEW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM368ZCEDZ TI1-DM368ZCEDZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM368ZCEDZ TI1-DM368ZCEDZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM368ZCEZ TI1-DM368ZCEZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
DM368ZCEZ TI1-DM368ZCEZ Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results

Similar Description - DM365ZCEW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip(DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
[Old version datasheet]   Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com