Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5630B Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5630B
Description  300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5630B Datasheet(HTML) 5 Page - Texas Instruments

  TAS5630B_17 Datasheet HTML 1Page - Texas Instruments TAS5630B_17 Datasheet HTML 2Page - Texas Instruments TAS5630B_17 Datasheet HTML 3Page - Texas Instruments TAS5630B_17 Datasheet HTML 4Page - Texas Instruments TAS5630B_17 Datasheet HTML 5Page - Texas Instruments TAS5630B_17 Datasheet HTML 6Page - Texas Instruments TAS5630B_17 Datasheet HTML 7Page - Texas Instruments TAS5630B_17 Datasheet HTML 8Page - Texas Instruments TAS5630B_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Pin 1 Marker
White Dot
Electrical Pin 1
TAS5630B
www.ti.com
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
Figure 1. Pin One Location PHD Package
Pin Functions
PIN
FUNCTION(1)
DESCRIPTION
NAME
HTQFP
HSSOP
AGND
8
10
P
Analog ground
BST_A
54
43
P
HS bootstrap supply (BST), external 0.033-
μF capacitor to OUT_A required.
BST_B
41
34
P
HS bootstrap supply (BST), external 0.033-
μF capacitor to OUT_B required.
BST_C
40
33
P
HS bootstrap supply (BST), external 0.033-
μF capacitor to OUT_C required.
BST_D
27
24
P
HS bootstrap supply (BST), external 0.033-
μF capacitor to OUT_D required.
CLIP
18
O
Clipping warning; open drain; active-low
C_STARTUP
3
5
O
Start-up ramp requires a charging capacitor of 4.7 nF to AGND in BTL mode
FREQ_ADJ
12
14
I
PWM frame-rate-programming pin requires resistor to AGND
7, 23, 24, 57,
GND
9
P
Ground
58
GND_A
48, 49
38
P
Power ground for half-bridge A
GND_B
46, 47
37
P
Power ground for half-bridge B
GND_C
34, 35
30
P
Power ground for half-bridge C
GND_D
32, 33
29
P
Power ground for half-bridge D
GVDD_A
55
P
Gate-drive voltage supply requires 0.1-
μF capacitor to GND_A
GVDD_B
56
P
Gate drive voltage supply requires 0.1-
μF capacitor to GND_B
GVDD_C
25
P
Gate drive voltage supply requires 0.1-
μF capacitor to GND_C
GVDD_D
26
P
Gate drive voltage supply requires 0.1-
μF capacitor to GND_D
GVDD_AB
44
P
Gate drive voltage supply requires 0.22-
μF capacitor to GND_A/GND_B
GVDD_CD
23
P
Gate drive voltage supply requires 0.22-
μF capacitor to GND_C/GND_D
INPUT_A
4
6
I
Input signal for half-bridge A
INPUT_B
5
7
I
Input signal for half-bridge B
INPUT_C
10
12
I
Input signal for half-bridge C
INPUT_D
11
13
I
Input signal for half-bridge D
M1
20
20
I
Mode selection
M2
21
21
I
Mode selection
M3
22
22
I
Mode selection
NC
59–62
No connect; pins may be grounded.
(1)
I = Input, O = Output, P = Power
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5630B


Similar Part No. - TAS5630B_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630B TI-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
More results

Similar Description - TAS5630B_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com