Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951-XX-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2951-XX-Q1
Description  Adjustable Micropower Voltage Regulators With Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951-XX-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  LP2951-XX-Q1 Datasheet HTML 1Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 2Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 3Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 4Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 5Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 6Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 7Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 8Page - Texas Instruments LP2951-XX-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SHUTDOWN
3
6
VTAP
GND
4
5
ERROR
OUTPUT
1
SENSE
2
8
INPUT
7
FEEDBACK
OUTPUT
SENSE
SHUTDOWN
GND
1
8
2
Thermal
7
3
6
4
5
INPUT
FEEDBACK
V
TAP
ERROR
LP2951-33-Q1, LP2951-50-Q1
www.ti.com
SLVSAW6E – JUNE 2011 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
D Package
DRG Package
8-Pin SOIC
8-Pin WSON With Exposed Thermal Pad
LP2591-50-Q1 Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Active-low open-collector error output. Goes low when VOUT drops by 6% of its
ERROR
5
O
nominal value.
Determines the output voltage. Connect to VTAP (with OUTPUT tied to SENSE)
FEEDBACK
7
I
to output the fixed voltage corresponding to the part version, or connect to a
resistor divider to adjust the output voltage.
GND
4
Ground
INPUT
8
I
Supply input
OUTPUT
1
O
Voltage output.
Senses the output voltage. Connect to OUTPUT (with FEEDBACK tied to VTAP)
SENSE
2
I
to output the voltage corresponding to the part version.
SHUTDOWN
3
I
Active-high input. Shuts down the device.
VTAP
6
O
Tie to FEEDBACK to output the fixed voltage corresponding to the part version.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage range
–0.3
35
V
VSHDN SHUTDOWN input voltage range
–1.5
35
V
ERROR comparator output voltage range(2)
–1.5
30
V
VFDBK
FEEDBACK input voltage range (2) (3)
–1.5
30
V
TJ
Operating virtual-junction temperature
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
May exceed input supply voltage
(3)
If load is returned to a negative power supply, the output must be diode clamped to GND.
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per AEC Q100-002(1)(2)
0
2000
Corner pins (1, 4, 8,
0
1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per
and 5)
AEC Q100-011
Other pins
0
1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
LP2951-50QDRQ1 Feedback pin survives up to 1500V HBM
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2951-33-Q1 LP2951-50-Q1


Similar Part No. - LP2951-XX-Q1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2951-02BM MICREL-LP2951-02BM Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
LP2951-02BM MICREL-LP2951-02BM Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
LP2951-02BN MICREL-LP2951-02BN Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
LP2951-02BN MICREL-LP2951-02BN Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
LP2951-02YM MICREL-LP2951-02YM Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
More results

Similar Description - LP2951-XX-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
[Old version datasheet]   Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950 Datasheet
3Mb / 31P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_09 Datasheet
2Mb / 26P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
[Old version datasheet]   Adjustable Micropower Voltage Regulators with Shutdown
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com