Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK04828SNKDREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828SNKDREP
Description  Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04828SNKDREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMK04828SNKDREP Datasheet HTML 5Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 6Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 7Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 8Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 9Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 10Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 11Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 12Page - Texas Instruments LMK04828SNKDREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
9
LMK04828-EP
www.ti.com
SNAS703 – APRIL 2017
Product Folder Links: LMK04828-EP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
(3.15 V < VCC < 3.45 V, –55 °C < TA < +105°C. Typical values at VCC = 3.3 V, TA = 25 °C, at the recommended operating
conditions and are not assured.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(12) Data collected using ADT2-1T+ balun. Loop filter is C1 = 47 pF, C2 = 3.9 nF, R2 = 620 Ω, C3 = 10 pF, R3 = 200 Ω, C4 = 10 pF, R4 =
200 Ω, PLL1_CP = 450 µA, PLL2_CP = 3.2 mA.. VCO0 loop filter bandwidth = 344 kHz, phase margin = 73 degrees. VCO1 Loop filter
loop bandwidth = 233 kHz, phase margin = 70 degrees. CLKoutX_Y_IDL = 1, CLKoutX_Y_ODL = 0.
(13) VCXO used is a 122.88-MHz Crystek CVHD-950-122.880.
NOISE FLOOR
L(f)CLKout
LMK04828-EP, VCO0, noise floor
20-MHz offset (12)
245.76 MHz
LVDS
–156.3
dBc/Hz
HSDS 6 mA
–158.4
HSDS 8 mA
–159.3
HSDS 10 mA
–158.9
LVPECL16 with 240 Ω
–161.6
LVPECL20 with 240 Ω
–162.5
LCPECL
–162.1
L(f)CLKout
LMK04828-EP, VCO1, noise floor
20-MHz offset (12)
245.76 MHz
LVDS
–155.7
dBc/Hz
HSDS 6 mA
–157.5
HSDS 8 mA
–158.1
HSDS 10 mA
–157.7
LVPECL16 with 240 Ω
–160.3
LVPECL20 with 240 Ω
–161.1
LCPECL
–160.8
CLKout CLOSED LOOP PHASE NOISE SPECIFICATIONS A COMMERCIAL QUALITY VCXO(13)
L(f)CLKout
LMK04828-EP
VCO0
SSB phase noise (12)
245.76 MHz
Offset = 1 kHz
–124.3
dBc/Hz
Offset = 10 kHz
–134.7
Offset = 100 kHz
–136.5
Offset = 1 MHz
–148.4
Offset = 10 MHz
LVDS
–156.4
HSDS 8 mA
–159.1
LVPECL16 with 240 Ω
–160.8
L(f)CLKout
LMK04828-EP
VCO1
SSB phase noise (12)
245.76 MHz
Offset = 1 kHz
–124.2
dBc/Hz
Offset = 10 kHz
–134.4
Offset = 100 kHz
–135.2
Offset = 1 MHz
–151.5
Offset = 10 MHz
LVDS
–159.9
HSDS 8 mA
–155.8
LVPECL16 with 240 Ω
–158.1


Similar Part No. - LMK04828SNKDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04828SNKDREP TI1-LMK04828SNKDREP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828SNKDREP TI-LMK04828SNKDREP Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results

Similar Description - LMK04828SNKDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
LMK04826B TI1-LMK04826B_14 Datasheet
2Mb / 104P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04826B TI-LMK04826B Datasheet
2Mb / 101P
[Old version datasheet]   LMK0482xB Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner with Dual Loop PLLs
LMK04832 TI1-LMK04832 Datasheet
386Kb / 8P
[Old version datasheet]   LMK04832 Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04228 TI1-LMK04228 Datasheet
1Mb / 91P
[Old version datasheet]   LMK04228 Ultra-Low Noise, JESD204B-Compliant Clock Jitter Cleaner With Dual-Loop PLLs
LMK04610 TI1-LMK04610 Datasheet
1Mb / 124P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04616 TI1-LMK04616 Datasheet
1Mb / 128P
[Old version datasheet]   Ultra-Low Noise and Low Power JESD204B Compliant Clock Jitter Cleaner With Dual Loop PLLs
LMK04368-EP TI-LMK04368-EP Datasheet
2Mb / 110P
[Old version datasheet]   LMK04368-EP Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com