Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5113 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5113 Datasheet HTML 2Page - Texas Instruments LM5113 Datasheet HTML 3Page - Texas Instruments LM5113 Datasheet HTML 4Page - Texas Instruments LM5113 Datasheet HTML 5Page - Texas Instruments LM5113 Datasheet HTML 6Page - Texas Instruments LM5113 Datasheet HTML 7Page - Texas Instruments LM5113 Datasheet HTML 8Page - Texas Instruments LM5113 Datasheet HTML 9Page - Texas Instruments LM5113 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
LM5113-Q1
SNVSAR1 – MARCH 2017
www.ti.com
Product Folder Links: LM5113-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Specifications are TJ = 25°C. Unless otherwise specified: VDD = VHB = 5 V, VSS = VHS = 0 V.
No load on LOL and HOL or HOH and HOL
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOW and HIGH SIDE GATE DRIVER
VOL
Low-level output voltage
IHOL = ILOL = 100 mA
TJ = 25°C
0.06
V
TJ = –40°C to 125°C
0.10
VOH
High-level output voltage
VOH = VDD – LOH
or VOH = HB – HOH
IHOH = ILOH = 100 mA
TJ = 25°C
0.21
V
TJ = –40°C to 125°C
0.31
IOHL
Peak source current
HOH, LOH = 0 V
1.2
A
IOLL
Peak sink current
HOL, LOL = 5 V
5
A
IOHLK
High-level output leakage current
HOH, LOH = 0 V
TJ = –40°C to 125°C
1.5
µA
IOLLK
Low-level output leakage current
HOL, LOL = 5 V
TJ = –40°C to 125°C
1.5
µA
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tLPHL
LO turnoff propagation delay
LI falling to LOL falling
TJ = 25°C
26.5
ns
TJ = –40°C to 125°C
45
tLPLH
LO turnon propagation delay
LI rising to LOH rising
TJ = 25°C
28.0
ns
TJ = –40°C to 125°C
45
tHPHL
HO turnoff propagation delay
HI falling to HOL falling
TJ = 25°C
26.5
ns
TJ = –40°C to 125°C
45
tHPLH
HO turnon propagation delay
HI rising to HOH rising
TJ = 25°C
28
ns
TJ = –40°C to 125°C
45.0
tMON
Delay matching
LO on and HO off
TJ = 25°C
1.5
ns
TJ = –40°C to 125°C
8
tMOFF
Delay matching
LO off and HO on
TJ = 25°C
1.5
ns
TJ = –40°C to 125°C
8
tHRC
HO rise time (0.5 V – 4.5 V)
CL = 1000 pF
7
ns
tLRC
LO rise time (0.5 V – 4.5 V)
CL = 1000 pF
7
ns
tHFC
HO fall time (0.5 V – 4.5 V)
CL = 1000 pF
3.5
ns
tLFC
LO fall time (0.5 V – 4.5 V)
CL = 1000 pF
3.5
ns
tPW
Minimum input pulse width
that changes the output
10
ns
tBS
Bootstrap diode
reverse recovery time
IF = 100 mA, IR = 100 mA
40
ns


Similar Part No. - LM5113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 24P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 24P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113SD TI1-LM5113SD Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113SD TI1-LM5113SD Datasheet
2Mb / 24P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
More results

Similar Description - LM5113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG1205 TI1-LMG1205 Datasheet
1Mb / 24P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113_14 Datasheet
2Mb / 24P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI-LM5113_15 Datasheet
2Mb / 21P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113_1211 TI1-LM5113_1211 Datasheet
2Mb / 24P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
STMicroelectronics
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
   Isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
   Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
logo
ON Semiconductor
FAD6263 ONSEMI-FAD6263 Datasheet
275Kb / 16P
   Half-Bridge Gate Driver, 600 V, 3 A
July, 2019 ??Rev. P0
logo
Texas Instruments
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
[Old version datasheet]   LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
TPS7H6003-SP TI1-TPS7H6003-SP Datasheet
1Mb / 37P
[Old version datasheet]   TPS7H6003-SP Radiation-Hardness-Assured 200-V, 1.3-A, 2.5-A, Half Bridge GaN FET Gate Driver
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com