Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFFHV32MP2637 Datasheet(PDF) 9 Page - AVX Corporation

Part # DFFHV32MP2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFFHV32MP2637 Datasheet(HTML) 9 Page - AVX Corporation

Back Button DFFHV32MP2637 Datasheet HTML 5Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 6Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 7Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 8Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 9Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 10Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 11Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 12Page - AVX Corporation DFFHV32MP2637 Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
63
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
TABLE OF VALUES
Part Number
Capacitance
Width
Height (
mm)
Rs
Irms Thermal 1 Irms Thermal 2
(μF)
(
mm)
FFHV
FTHV
(mΩ)
(A)
(A)
Un = 1500Vdc
DF*HV11°R2637
2630
125
230
240
0,42
215
240
DF*HV21°R2637
2630
125
230
240
0,35
230
255
DF*HV12°R3447
3440
125
295
305
0,36
255
255
DF*HV22°R3447
3440
125
295
305
0,29
285
320
DF*HV31°R4127
4120
175
230
240
0,57
205
230
DF*HV41°R4127
4120
175
230
240
0,48
220
245
DF*HV13°R4597
4590
125
370
380
0,32
255
255
DF*HV23°R4597
4590
125
370
380
0,25
345
390
DF*HV32°R5407
5400
175
295
305
0,48
245
255
DF*HV42°R5407
5400
175
295
305
0,39
270
300
DF*HV14°R5747
5740
125
450
460
0,30
255
255
DF*HV24°R5747
5740
125
450
460
0,23
400
400
DF*HV15°R6897
6890
125
530
540
0,29
255
255
DF*HV25°R6897
6890
125
530
540
0,22
400
400
DF*HV33°R7207
7200
175
370
380
0,42
255
255
DF*HV43°R7207
7200
175
370
380
0,33
325
360
DF*HV16°R8047
8040
125
610
620
0,28
255
255
DF*HV26°R8047
8040
125
610
620
0,21
400
400
DF*HV34°R9007
9000
175
450
460
0,39
255
255
DF*HV44°R9007
9000
175
450
460
0,30
375
400
DF*HV35°R1088
10800
175
530
540
0,37
255
255
DF*HV45°R1088
10800
175
530
540
0,28
400
400
DF*HV36°R1268
12600
175
610
620
0,36
255
255
DF*HV46°R1268
12600
175
610
620
0,27
400
400
Un = 1750Vdc
DF*HV11°S1917
1910
125
230
240
0,46
200
225
DF*HV21°S1917
1910
125
230
240
0,39
210
235
DF*HV12°S2507
2500
125
295
305
0,39
245
255
DF*HV22°S2507
2500
125
295
305
0,32
260
295
DF*HV31°S3007
3000
175
230
240
0,63
195
215
DF*HV41°S3007
3000
175
230
240
0,54
205
225
DF*HV13°S3347
3340
125
370
380
0,34
255
255
DF*HV23°S3347
3340
125
370
380
0,27
320
360
DF*HV32°S3927
3920
175
295
305
0,53
230
255
DF*HV42°S3927
3920
175
295
305
0,44
250
275
DF*HV14°S4177
4170
125
450
460
0,32
255
255
DF*HV24°S4177
4170
125
450
460
0,25
375
400
DF*HV15°S5017
5010
125
530
540
0,31
255
255
DF*HV25°S5017
5010
125
530
540
0,24
400
400
DF*HV33°S5227
5220
175
370
380
0,46
255
255
DF*HV43°S5227
5220
175
370
380
0,37
300
335
DF*HV16°S5847
5840
125
610
620
0,30
255
255
DF*HV26°S5847
5840
125
610
620
0,23
400
400
DF*HV34°S6537
6530
175
450
460
0,42
255
255
DF*HV44°S6537
6530
175
450
460
0,33
350
390
DF*HV35°S7837
7830
175
530
540
0,39
255
255
DF*HV45°S7837
7830
175
530
540
0,30
395
400
DF*HV36°S9147
9140
175
610
620
0,38
255
255
DF*HV46°S9147
9140
175
610
620
0,29
400
400
* Insert F for resin top or T for hermetic case
° Insert F for female terminals or M for male terminals


Similar Part No. - DFFHV32MP2637

ManufacturerPart #DatasheetDescription
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
   DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
   High ruggedness N-Channel MOSFET
More results

Similar Description - DFFHV32MP2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com