Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRH18107MM Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CRH18107MM
Description  HIGH RESISTANCE VALUE CHIP RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CRH18107MM Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CRH18107MM Datasheet HTML 1Page - American Accurate Components, Inc. CRH18107MM Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
HIGH RESISTANCE VALUE CHIP RESISTORS
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
2
ELECTRICAL CHARACTERISTICS
Series
Size
Rated
Power
Voltage (Max.)*
Operating
Temperature
Resistance Range by Tolerance& TCR (ppm/°C)
Working
Overload
±1%
±5%
±10%
±20%
+400 ~ -100 ppm
±500 ppm
±500 ppm
±500 ppm
CRH05
0402
1/20 w
25 V
50 V
-55 ~ +155°C
10M ~ 500M
10M ~ 1G
10M ~ 1G
10M ~ 1G
CRH16
0603
1/16w
50 V
100 V
-55 ~ +155°C
10M ~ 500M
10M ~ 1G
10M ~ 10G
10M ~ 50G
CRH10
0805
1/10w
150 V
300 V
-55 ~ +155°C
10M ~ 1G
10M ~ 1G
10M ~ 10G
10M ~ 50G
CRH18
1206
1/8w
200 V
400 V
-55 ~ +155°C
10M ~ 1G
10M ~ 10G
10M ~ 10G
10M ~ 50G
CRH14
1210
1/4w
200 V
400 V
-55 ~ +155°C
10M ~ 100M
10M ~ 100M
10M ~ 10G
10M ~ 1G
CRH12
2010
1/2w
200 V
400 V
-55 ~ +155°C
10M ~ 1G
10M ~ 10G
10M ~ 10G
10M ~ 50G
CRH01
2512
1w
200 V
400 V
-55 ~ +155°C
10M ~ 10G
10M ~ 10G
10M ~ 50G
10M ~ 50G
Series
Size
Rated
Power
Voltage (Max.)*
Operating
Temperature
Resistance Range by Tolerance & TCR (ppm/°C)
Working
Overload
±1%, ±2%
±5%
±10%
±20
±100 ppm
±250 ppm
±1500 ppm
CRH16A
0603
1/32w
50V
100V
-55 ~ 125°C
10M ~ 100M
10M ~ 1G
10M ~ 1G
10M ~ 1G
CRH10A
0805
1/16w
75 V
150 V
-55 ~ +125°C
10M ~ 100M
10M ~ 1G
10M ~ 1G
10M ~ 1G
CRH18A
1206
1/8w
150 V
300 V
-55 ~ +125°C
10M ~ 100M
10M ~ 1G
10M ~ 1G
10M ~ 1G
CRH01A
2512
1w
300 V
500 V
-55 ~ +125°C
10M ~ 1G
10M ~ 1G
10M ~ 1G
Series
Size
Rated
Power
Voltage (Max.)*
Operating
Temperature
Resistance Range by Tolerance & TCR (ppm/°C)
Working
Overload
±5%, ±10%, ±20%
±500 ppm
±1500 ppm
CRH05B
0402
1/16w
50 V
100 V
-55 ~ +125°C
10M ~ 1G
10M ~ 150G
CRH16B
0603
1/16w
50 V
100 V
-55 ~ +125°C
10M ~ 1G
10M ~ 150G
CRH10B
0805
1/10w
150 V
300 V
-55 ~ +125°C
10M ~ 1G
10M ~ 150G
CRH18B
1206
1/8w
200 V
400 V
-55 ~ +125°C
10M ~ 1G
10M ~ 150G
* Rated Voltage =
DERATING CURVE
If the ambient temperature exceeds 70°C,
then the rated power must be derated
according to the power derating curve
shown to the right.
PERFORMANCE
Test Item
Test Conditions
Test Results
±100ppm parts
> ±100ppm parts
Long Term Stability
Normal temperature and humidity for 1,000 hours
±0.5%
±0.5%
High Temperature Loading
DC15V, 1.5 hours on, 0.5 hours off, 1,000 hours at 70°C
±0.5%
±1.0%
Resistance to Soldering Heat
260°C + 5°C for 10+1-0 seconds
±0.5%
±1.0%
Short Time Overload
Test for 5 seconds using maximum Overload Voltage
±0.5%
±1.0%
Operating Temperature Range
Refer to electrical charachteristics
The content of this specification may change without notification 04/22/2015


Similar Part No. - CRH18107MM

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CRH18-107F1B AAC-CRH18-107F1B Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH18-107F1M AAC-CRH18-107F1M Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH18-107F2B AAC-CRH18-107F2B Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH18-107F2M AAC-CRH18-107F2M Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
CRH18-107F3B AAC-CRH18-107F3B Datasheet
87Kb / 2P
   CRH - Thick Film Chip Resistors High Resistance
More results

Similar Description - CRH18107MM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF1M0U PANASONIC-ERJ-M1WTF1M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors) 0603, 2512
logo
Bourns Electronic Solut...
CRH1206-LF BOURNS-CRH1206-LF Datasheet
290Kb / 2P
   High resistance chip resistors
CRH0805 BOURNS-CRH0805 Datasheet
265Kb / 2P
   High resistance chip resistors
CRH0603-LF BOURNS-CRH0603-LF Datasheet
267Kb / 2P
   High resistance chip resistors
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com