Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9269-40EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9269-40EBZ
Description  16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9269-40EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9269-40EBZ Datasheet HTML 7Page - Analog Devices AD9269-40EBZ Datasheet HTML 8Page - Analog Devices AD9269-40EBZ Datasheet HTML 9Page - Analog Devices AD9269-40EBZ Datasheet HTML 10Page - Analog Devices AD9269-40EBZ Datasheet HTML 11Page - Analog Devices AD9269-40EBZ Datasheet HTML 12Page - Analog Devices AD9269-40EBZ Datasheet HTML 13Page - Analog Devices AD9269-40EBZ Datasheet HTML 14Page - Analog Devices AD9269-40EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
AD9269
Data Sheet
Rev. A | Page 10 of 40
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +3.9 V
VIN+A, VIN+B, VIN−A, VIN−B to AGND
−0.3 V to AVDD + 0.2 V
CLK+, CLK− to AGND
−0.3 V to AVDD + 0.2 V
SYNC to AGND
−0.3 V to DRVDD + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.2 V
SENSE to AGND
−0.3 V to AVDD + 0.2 V
VCM to AGND
−0.3 V to AVDD + 0.2 V
RBIAS to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to DRVDD + 0.3 V
SCLK/DFS to AGND
−0.3 V to DRVDD + 0.3 V
SDIO/DCS to AGND
−0.3 V to DRVDD + 0.3 V
OEB to AGND
−0.3 V to DRVDD + 0.3 V
PDWN to AGND
−0.3 V to DRVDD + 0.3 V
D0x through D15x to AGND
−0.3 V to DRVDD + 0.3 V
DCOx to AGND
−0.3 V to DRVDD + 0.3 V
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature Under Bias
150°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL CHARACTERISTICS
The exposed paddle is the only ground connection for the chip.
The exposed paddle must be soldered to the AGND plane of the
user PCB. Soldering the exposed paddle to the user board also
increases the reliability of the solder joints and maximizes the
thermal capability of the package.
Table 7. Thermal Resistance
PackageType
Airflow
Velocity
(m/sec)
θJA1,2
θJC1,3
θJB1,4
Unit
64-Lead LFCSP
9 mm × 9 mm
(CP-64-4)
0
23
2.0
°C/W
1.0
20
12
°C/W
2.5
18
°C/W
1
Per JEDEC 51-7, plus JEDEC 25-5 2S2P test board.
2
Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
3
Per MIL-Std 883, Method 1012.1.
4
Per JEDEC JESD51-8 (still air).
Typical θJA is specified for a 4-layer PCB with a solid ground
plane. As shown in Table 7, airflow improves heat dissipation,
which reduces θJA. In addition, metal in direct contact with the
package leads from metal traces, through holes, ground, and
power planes, reduces the θJA.
ESD CAUTION


Similar Part No. - AD9269-40EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269-40EBZ AD-AD9269-40EBZ Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9269-40EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9269 AD-AD9269 Datasheet
1Mb / 40P
   16-Bit, 20/40/65/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231 Datasheet
1Mb / 36P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com