Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTBV45N06T4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTBV45N06T4G
Description  Power MOSFET 45 Amps, 60 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTBV45N06T4G Datasheet(HTML) 2 Page - ON Semiconductor

  NTBV45N06T4G Datasheet HTML 1Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 2Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 3Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 4Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 5Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 6Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTB45N06, NTBV45N06
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
70
57
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
±100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.8
7.2
4.0
Vdc
mV/°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 10 Vdc, ID = 22.5 Adc)
RDS(on)
21
26
mW
Static Drain−to−Source On−Voltage (Note 3)
(VGS = 10 Vdc, ID = 45 Adc)
(VGS = 10 Vdc, ID = 22.5 Adc, TJ = 150°C)
VDS(on)
0.93
0.93
1.4
Vdc
Forward Transconductance (Note 3) (VDS = 8.0 Vdc, ID = 12 Adc)
gFS
16.6
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1224
1725
pF
Output Capacitance
Coss
345
485
Transfer Capacitance
Crss
76
160
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 45 Adc,
VGS = 10 Vdc, RG = 9.1 W) (Note 3)
td(on)
10
25
ns
Rise Time
tr
101
200
Turn−Off Delay Time
td(off)
33
70
Fall Time
tf
106
220
Gate Charge
(VDS = 48 Vdc, ID = 45 Adc,
VGS = 10 Vdc) (Note 3)
QT
33
46
nC
Q1
6.4
Q2
15
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 45 Adc, VGS = 0 Vdc) (Note 3)
(IS = 45 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
1.08
0.93
1.2
Vdc
Reverse Recovery Time
(IS = 45 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
trr
53.1
ns
ta
36
tb
16.9
Reverse Recovery Stored Charge
QRR
0.087
mC
3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Device
Package
Shipping
NTB45N06T4G
D2PAK
(Pb−Free)
800 / Tape & Reel
NTBV45N06T4G
D2PAK
(Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTBV45N06T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBV45N06 ONSEMI-NTBV45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTBV45N06L ONSEMI-NTBV45N06L Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTBV45N06LT4G ONSEMI-NTBV45N06LT4G Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
More results

Similar Description - NTBV45N06T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB45N06L ONSEMI-NTB45N06L_11 Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTP45N06 ONSEMI-NTP45N06 Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
   Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
   Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com