Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDF05N50ZH Datasheet(PDF) 4 Page - ON Semiconductor

Part # NDF05N50ZH
Description  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF05N50ZH Datasheet(HTML) 4 Page - ON Semiconductor

  NDF05N50ZH Datasheet HTML 1Page - ON Semiconductor NDF05N50ZH Datasheet HTML 2Page - ON Semiconductor NDF05N50ZH Datasheet HTML 3Page - ON Semiconductor NDF05N50ZH Datasheet HTML 4Page - ON Semiconductor NDF05N50ZH Datasheet HTML 5Page - ON Semiconductor NDF05N50ZH Datasheet HTML 6Page - ON Semiconductor NDF05N50ZH Datasheet HTML 7Page - ON Semiconductor NDF05N50ZH Datasheet HTML 8Page - ON Semiconductor NDF05N50ZH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NDF05N50Z, NDD05N50Z
www.onsemi.com
4
TYPICAL CHARACTERISTICS
0.1
1.0
10.0
0
50
100 150 200 250 300 350 400 450 500
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Drain−to−Source Leakage Current
versus Voltage
TJ = 150°C
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
30
35
40
45
50
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 8. Capacitance Variation
TJ = 25°C
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
Qg, TOTAL GATE CHARGE (nC)
Figure 9. Gate−to−Source Voltage and
Drain−to−Source Voltage versus Total Charge
QT
QGD
QGS
VDS = 250 V
ID = 5 A
TJ = 25°C
VDS
VGS
1.0
10
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 10. Resistive Switching Time Variation
versus Gate Resistance
td(off)
tf
tr
td(on)
VDD = 250 V
ID = 5 A
VGS = 10 V
0.1
1.0
10
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
125°C
TJ = 150°C
25°C
−55°C
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Diode Forward Voltage versus
Current


Similar Part No. - NDF05N50ZH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF05N50ZH ONSEMI-NDF05N50ZH Datasheet
144Kb / 12P
   N-Channel Power MOSFET 500 V, 1.5 Ohm
February, 2013 ??Rev. 6
logo
VBsemi Electronics Co.,...
NDF05N50ZH VBSEMI-NDF05N50ZH Datasheet
1Mb / 11P
   N-Channel 650V (D-S)Power MOSFET
More results

Similar Description - NDF05N50ZH

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com