Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDF02N60ZH Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDF02N60ZH
Description  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF02N60ZH Datasheet(HTML) 2 Page - ON Semiconductor

  NDF02N60ZH Datasheet HTML 1Page - ON Semiconductor NDF02N60ZH Datasheet HTML 2Page - ON Semiconductor NDF02N60ZH Datasheet HTML 3Page - ON Semiconductor NDF02N60ZH Datasheet HTML 4Page - ON Semiconductor NDF02N60ZH Datasheet HTML 5Page - ON Semiconductor NDF02N60ZH Datasheet HTML 6Page - ON Semiconductor NDF02N60ZH Datasheet HTML 7Page - ON Semiconductor NDF02N60ZH Datasheet HTML 8Page - ON Semiconductor NDF02N60ZH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NDF02N60Z, NDD02N60Z
www.onsemi.com
2
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
NDF02N60Z
NDD02N60Z
RqJC
4.9
2.2
°C/W
Junction−to−Ambient Steady State
(Note 3) NDF02N60Z
(Note 4) NDD02N60Z
(Note 3) NDD02N60Z−1
RqJA
51
41
80
3. Insertion mounted
4. Surface mounted on FR4 board using 1″ sq. pad size, (Cu area = 1.127 in sq [2 oz] including traces).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
VGS = 0 V, ID = 1 mA
BVDSS
600
V
Breakdown Voltage Temperature Coeffi-
cient
Reference to 25°C,
ID = 1 mA
DBVDSS/
DTJ
0.6
V/°C
Drain−to−Source Leakage Current
VDS = 600 V, VGS = 0 V
25°C
IDSS
1
mA
150°C
50
Gate−to−Source Forward Leakage
VGS = ±20 V
IGSS
±10
mA
ON CHARACTERISTICS (Note 5)
Static Drain−to−Source On−Resistance
VGS = 10 V, ID = 1.0 A
RDS(on)
4.0
4.8
W
Gate Threshold Voltage
VDS = VGS, ID = 50 mA
VGS(th)
3.0
4.0
4.5
V
Forward Transconductance
VDS = 15 V, ID = 1.2 A
gFS
1.7
S
DYNAMIC CHARACTERISTICS
Input Capacitance (Note 6)
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
Ciss
215
274
325
pF
Output Capacitance (Note 6)
Coss
25
34
45
Reverse Transfer Capacitance (Note 6)
Crss
4.0
7.0
10
Total Gate Charge (Note 6)
VDD = 300 V, ID = 2.4 A,
VGS = 10 V
Qg
5.0
10
16
nC
Gate−to−Source Charge (Note 6)
Qgs
1.5
2.4
4.0
Gate−to−Drain (“Miller”) Charge (Note 6)
Qgd
3.5
5.3
8.0
Plateau Voltage
VGP
6.4
V
Gate Resistance
Rg
4.9
W
RESISTIVE SWITCHING CHARACTERISTICS
Turn−On Delay Time
VDD = 300 V, ID = 2.4 A,
VGS = 10 V, RG = 5 W
td(on)
9.0
ns
Rise Time
tr
7.0
Turn−Off Delay Time
td(off)
15
Fall Time
tf
7.0
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C unless otherwise noted)
Diode Forward Voltage
IS = 2.4 A, VGS = 0 V
VSD
1.6
V
Reverse Recovery Time
VGS = 0 V, VDD = 30 V
IS = 2.4 A, di/dt = 100 A/ms
trr
240
ns
Reverse Recovery Charge
Qrr
0.7
mC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Width ≤ 380 ms, Duty Cycle ≤ 2%.
6. Guaranteed by design.


Similar Part No. - NDF02N60ZH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF02N60ZH ONSEMI-NDF02N60ZH Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
More results

Similar Description - NDF02N60ZH

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com