Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL42PLLF6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL42PLLF6
Description  P-channel -60 V, 23 m廓 typ., -42 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL42PLLF6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL42PLLF6 Datasheet HTML 2Page - STMicroelectronics STL42PLLF6 Datasheet HTML 3Page - STMicroelectronics STL42PLLF6 Datasheet HTML 4Page - STMicroelectronics STL42PLLF6 Datasheet HTML 5Page - STMicroelectronics STL42PLLF6 Datasheet HTML 6Page - STMicroelectronics STL42PLLF6 Datasheet HTML 7Page - STMicroelectronics STL42PLLF6 Datasheet HTML 8Page - STMicroelectronics STL42PLLF6 Datasheet HTML 9Page - STMicroelectronics STL42PLLF6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STL42P6LLF6
6/16
DocID025457 Rev 4
2.1
Electrical characteristics (curves)
For the P-channel Power MOSFET, current polarity of voltages and current have
to be reversed.
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics


Similar Part No. - STL42PLLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
   P-channel 40 V, 0.0155 廓 typ.,42 A, STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
March 2015 Rev 2
STL42P6LLF6 STMICROELECTRONICS-STL42P6LLF6 Datasheet
471Kb / 14P
   High avalanche ruggedness
logo
Inchange Semiconductor ...
STL42P6LLF6 ISC-STL42P6LLF6 Datasheet
376Kb / 3P
   isc P-Channel MOSFET Transistor
2023-9-6
More results

Similar Description - STL42PLLF6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
   P-channel 40 V, 0.0155 廓 typ.,42 A, STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
March 2015 Rev 2
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
   P-channel 40 V, 0.0115 廓 typ.,60 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
December 2014 Rev 2
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STL8DN6LF6AG STMICROELECTRONICS-STL8DN6LF6AG Datasheet
939Kb / 16P
   Automotive-grade dual N-channel 60 V, 21 m廓 typ., 32 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 DI package
January 2016 Rev 3
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
   P-channel -30 V, 9 m廓 typ., -62 A STripFET??H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
   P-channel -30 V, 11 m廓 typ., -45 A STripFET??H6 Power MOSFET in a PowerFLAT??5x6 package
April 2016 Rev 1
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
   P-channel 60 V, 0.025 廓 typ., 35 A STripFET??F6 Power MOSFET in a DPAK package
April 2017 Rev 3
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
   P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com