Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PCM16C010 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. PCM16C010
Description  Configurable PC Card Interface Chip
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

PCM16C010 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
30 Pinout Description (Continued)
TABLE 3-4 Miscellaneous Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
TEST(0)
I
85
TTL
l
100k to GND
Test pin This pin should be left disconnected for
normal operation
VCC(50)
Power
84 61 44
Power Voltage
16 87 91
GND(90)
Power
88 77 72
Return Voltage
53 36 20 6
90 94 96
TABLE 3-5 NAND Flash (NM29N16) Mode Pins
Pin
Pin
Pin
Level
Internal
Description
Name
Type
No
Compatibility
Resistor
ALE
O
31
CMOS 6 mA
Address Latch Enable
(Note 1)
CLE
O
28
CMOS 6 mA
Command Latch Enable
WE
O
29
CMOS 6 mA
Write Enable
(Note 1)
RE
O
30
CMOS 6 mA
Read Enable
RDYBSY
I
27
TTL
l
100k to VCC
ReadyBusy Input
CE
NAND (30)
O
23 26
CMOS 6 mA
Chip Enables for NAND Flash (NM29N16) Devices
(Note 1)
14 25
Note 1
The ALE WE
CE
NAND(0)
and CE
NAND(1)
pins are inputs (I) when function 0 is NOT configured for the NAND Flash (NM29N16) Mode
Pin Total
Host-Side Interface Pins
44
EEPROM Interface Pins
4
Card-Side Interface Pins
30
Miscellaneous Pins
22
Total Pins
100
http
www nationalcom
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn