Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL18N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL18N65M5
Description  Very low intrinsic capacitance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL18N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL18N65M5 Datasheet HTML 1Page - STMicroelectronics STL18N65M5 Datasheet HTML 2Page - STMicroelectronics STL18N65M5 Datasheet HTML 3Page - STMicroelectronics STL18N65M5 Datasheet HTML 4Page - STMicroelectronics STL18N65M5 Datasheet HTML 5Page - STMicroelectronics STL18N65M5 Datasheet HTML 6Page - STMicroelectronics STL18N65M5 Datasheet HTML 7Page - STMicroelectronics STL18N65M5 Datasheet HTML 8Page - STMicroelectronics STL18N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STL18N65M5
4/17
DocID023634 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
(VGS = 0)
ID = 1 mA
650
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 650 V
VDS = 650 V, TC=125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
± 100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 7.5 A
0.215
0.240
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
1240
-
pF
Coss
Output capacitance
-
32
-
pF
Crss
Reverse transfer
capacitance
-3
-
pF
Co(tr)
(1)
1.
Coss eq. time related is defined as a constant equivalent capacitance giving the same charging time as Coss
when VDS increases from 0 to 80% VDSS
Equivalent
capacitance time
related
VDS = 0 to 520 V, VGS = 0
-99
-
pF
Co(er)
(2)
2.
Coss eq. energy related is defined as a constant equivalent capacitance giving the same stored energy as
Coss when VDS increases from 0 to 80% VDSS
Equivalent
capacitance energy
related
-30
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
3
-
Ω
Qg
Total gate charge
VDD = 520 V, ID = 7.5 A,
VGS = 10 V
(see Figure 16)
-31
-
nC
Qgs
Gate-source charge
-
8
-
nC
Qgd
Gate-drain charge
-
14
-
nC


Similar Part No. - STL18N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results

Similar Description - STL18N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
765Kb / 16P
   Very low intrinsic capacitance
April 2015 Rev 2
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
   Very low intrinsic capacitance
June 2013 Rev 1
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
   Very low intrinsic capacitance
August 2013 Rev 1
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
   Very low intrinsic capacitance
September 2013 Rev 1
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
July 2013 Rev 4
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
   Very low intrinsic capacitance
July 2011 Rev 2
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
   Very low intrinsic capacitance
December 2011 Rev 1
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
   Very low intrinsic capacitances
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
   Very Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com