Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFFHV46FS2637 Datasheet(PDF) 3 Page - AVX Corporation

Part # DFFHV46FS2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFFHV46FS2637 Datasheet(HTML) 3 Page - AVX Corporation

  DFFHV46FS2637 Datasheet HTML 1Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 2Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 3Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 4Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 5Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 6Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 7Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 8Page - AVX Corporation DFFHV46FS2637 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
57
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
HOW TO CHOSE THE RIGHT CAPACITOR
Time
Uw
Un
Ur
1/f
The capacitor lifetime depends on the working voltage and the hot spot temperature.
Our caps are designed to meet 100000 hours lifetime at rated voltage and 70°C hot spot temperature. In accordance with
operating conditions, please calculate the hot spot temperature and deduce from this calculation if the obtained lifetime can suit
the application.
1. From the tables, select a capacitor with required capacitance
Cn and voltage Un.
Calculate the maximum ripple voltage allowed for the selected cap:
Urmax = 0.2Un
If Ur>Urmax, select a capacitor with higher rated voltage
Make sure Irms application < Irms table
Copy out:
• serial resistance (Rs): see table of values
• thermal resistances Rth1 and Rth2 (depending on cooling conditions)
2. Hot spot temperature calculation
Total losses are calculated as follow: Pt=Pj+Pd
Joule losses: Pj = Rs x Irms²
Dielectric losses: Pd = Q x tg
δ0 with
• Q(reactive power) = Irms2 for a sinusoidal waveform
–––––
C
• tg
δ0 = 2 x 10-4 (dielectric losses of polypropylene)
Hot spot temperature will be:
HS =
amb + (Pj + Pd) x (Rth1 + Rth2)
HS
absolute maximum is 85°C
If temperature is higher than 85°C, come back to #1 and start again
with another selection.
Rth1: thermal resistance between hot spot and case
Rth2: thermal resistance between case and ambient air
3. Refer to the curve and deduce the lifetime vs Uw/Un ratio
width
HS
CASE
AMB
Rth1
Rth2
eg: rated voltage 2000V
working voltage 1900V
ρ = 0.95 ⇒ lifetime 200,000 hours
@ 70°C hot spot temperature
Please, find a calculation form at the end of the catalog
1.5
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
100
1,000
10,000
100,000 200,000
0.95
1,000,000
Lifetime Expectancy (hours)
θHS = 65ºC


Similar Part No. - DFFHV46FS2637

ManufacturerPart #DatasheetDescription
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
   DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
   High ruggedness N-Channel MOSFET
More results

Similar Description - DFFHV46FS2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com