Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFTHV45FS2637 Datasheet(PDF) 1 Page - AVX Corporation

Part # DFTHV45FS2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFTHV45FS2637 Datasheet(HTML) 1 Page - AVX Corporation

  DFTHV45FS2637 Datasheet HTML 1Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 2Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 3Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 4Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 5Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 6Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 7Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 8Page - AVX Corporation DFTHV45FS2637 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
55
092315
The FFHV and FTHV series are specifically designed for DC filtering applications
such as DC link or resonant filters for voltages up to 3000V.
These capacitors are proposed in 2 different versions: resin top for the FFHV series
and hermetic case for the FTHV.
Large case sizes up to 36 liters and high specific energy up to 380J/l together with
safe and reliable Controlled Self Healing Technology make this series particularly
suitable for power converters in traction, drives, renewable energy and power
transmission areas.
FFHV and FTHV use a wet solution with polypropylene metallized film and oil
(without free oil). Standard designs proposed in this catalogue are covering a wide
range of voltage and capacitance values.
In case of specific requirements about shape and performances, feel free to
contact your local AVX representative.
HOW TO ORDER
FFHV
Series
FFHV: resin top
1
Section and Option
1 = 340x125 2 connexions
2 = 340x125 4 connexions
3 = 340x175 2 connexions
4 = 340x175 4 connexions
1
Height
1 = 230mm
2 = 295mm
3 = 370mm
4 = 450mm
5 = 530mm
6 = 610mm
M
Terminal
Code
F = female
M = male
R
Voltage
R = 1500V
S = 1750V
N = 2000V
T = 2250V
P = 2500V
W = 2750V
X = 3000V
2637
Capacitance
EIA code
FTHV
Series
FTHV: hermetic case
D
D
1
Section and Option
1 = 340x125 2 connexions
2 = 340x125 4 connexions
3 = 340x175 2 connexions
4 = 340x175 4 connexions
1
Height
1 = 240mm
2 = 305mm
3 = 380mm
4 = 460mm
5 = 540mm
6 = 620mm
M
Terminal
Code
F = female
M = male
R
Voltage
R = 1500V
S = 1750V
N = 2000V
T = 2250V
P = 2500V
W = 2750V
X = 3000V
2637
Capacitance
EIA code
FFHV
Non-painted rectangular resin filled aluminium case
Mounting brackets
M8/17 female connections or M12/30 male connections
2 or 4 connections
FTHV
Non-painted rectangular aluminium hermetic case
Mounting brackets
M8/17 female terminals or M12/30 male terminals
2 or 4 terminals
PACKAGING MATERIAL
STANDARDS
FFHV
IEC 61071: Power electronic capacitors
IEC 61881: Railway applications, rolling stock equipment,
capacitors for power electronics
IEC 60068-2: Environmental testing
UL 94: Fire requirements
NF F 16-101: Rolling stock – Fire behaviour – Materials
choosing
NF F 16-102: Rolling stock – Fire behaviour – Materials
choosing, application for electric equipments
EN 45545-2: Railways applications – Fire protection on
railway vehicles. Part 2: Requirements for
fire behaviour of materials and components
FTHV
IEC 61071: Power electronic capacitors
IEC 61881: Railway applications, rolling stock equipment,
capacitors for power electronics
IEC 60068-2: Environmental testing
EN 45545-2: Railways applications – Fire protection on
railway vehicles. Part 2 : Requirements for
fire behaviour of materials and components


Similar Description - DFTHV45FS2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com