Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDR32BP120B Datasheet(PDF) 2 Page - AVX Corporation

Part No. CDR32BP120B
Description  MIL-PRF-55681/Chips
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo 

CDR32BP120B Datasheet(HTML) 2 Page - AVX Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
106
MIL-PRF-55681/Chips
Military Part Number Identification CDR31
CDR31 to MIL-PRF-55681/7
Military
Rated temperature WVDC
Type
Capacitance
Capacitance
and voltage-
Designation 1
/
in pF
tolerance
temperature limits
AVX Style 0805/CDR31 (BP)
CDR31BP1R0B---
1.0
B,C
BP
100
CDR31BP1R1B---
1.1
B,C
BP
100
CDR31BP1R2B---
1.2
B,C
BP
100
CDR31BP1R3B---
1.3
B,C
BP
100
CDR31BP1R5B---
1.5
B,C
BP
100
CDR31BP1R6B---
1.6
B,C
BP
100
CDR31BP1R8B---
1.8
B,C
BP
100
CDR31BP2R0B---
2.0
B,C
BP
100
CDR31BP2R2B---
2.2
B,C
BP
100
CDR31BP2R4B---
2.4
B,C
BP
100
CDR31BP2R7B---
2.7
B,C,D
BP
100
CDR31BP3R0B---
3.0
B,C,D
BP
100
CDR31BP3R3B---
3.3
B,C,D
BP
100
CDR31BP3R6B---
3.6
B,C,D
BP
100
CDR31BP3R9B---
3.9
B,C,D
BP
100
CDR31BP4R3B---
4.3
B,C,D
BP
100
CDR31BP4R7B---
4.7
B,C,D
BP
100
CDR31BP5R1B---
5.1
B,C,D
BP
100
CDR31BP5R6B---
5.6
B,C,D
BP
100
CDR31BP6R2B---
6.2
B,C,D
BP
100
CDR31BP6R8B---
6.8
B,C,D
BP
100
CDR31BP7R5B---
7.5
B,C,D
BP
100
CDR31BP8R2B---
8.2
B,C,D
BP
100
CDR31BP9R1B---
9.1
B,C,D
BP
100
CDR31BP100B---
10
F,J,K
BP
100
CDR31BP110B---
11
F,J,K
BP
100
CDR31BP120B---
12
F,J,K
BP
100
CDR31BP130B---
13
F,J,K
BP
100
CDR31BP150B---
15
F,J,K
BP
100
CDR31BP160B---
16
F,J,K
BP
100
CDR31BP180B---
18
F,J,K
BP
100
CDR31BP200B---
20
F,J,K
BP
100
CDR31BP220B---
22
F,J,K
BP
100
CDR31BP240B---
24
F,J,K
BP
100
CDR31BP270B---
27
F,J,K
BP
100
CDR31BP300B---
30
F,J,K
BP
100
CDR31BP330B---
33
F,J,K
BP
100
CDR31BP360B---
36
F,J,K
BP
100
CDR31BP390B---
39
F,J,K
BP
100
CDR31BP430B---
43
F,J,K
BP
100
CDR31BP470B---
47
F,J,K
BP
100
CDR31BP510B---
51
F,J,K
BP
100
CDR31BP560B---
56
F,J,K
BP
100
CDR31BP620B---
62
F,J,K
BP
100
CDR31BP680B---
68
F,J,K
BP
100
CDR31BP750B---
75
F,J,K
BP
100
CDR31BP820B---
82
F,J,K
BP
100
CDR31BP910B---
91
F,J,K
BP
100
Military
Rated temperature WVDC
Type
Capacitance
Capacitance
and voltage-
Designation 1
/
in pF
tolerance
temperature limits
AVX Style 0805/CDR31 (BP) cont’d
CDR31BP101B---
100
F,J,K
BP
100
CDR31BP111B---
110
F,J,K
BP
100
CDR31BP121B---
120
F,J,K
BP
100
CDR31BP131B---
130
F,J,K
BP
100
CDR31BP151B---
150
F,J,K
BP
100
CDR31BP161B---
160
F,J,K
BP
100
CDR31BP181B---
180
F,J,K
BP
100
CDR31BP201B---
200
F,J,K
BP
100
CDR31BP221B---
220
F,J,K
BP
100
CDR31BP241B---
240
F,J,K
BP
100
CDR31BP271B---
270
F,J,K
BP
100
CDR31BP301B---
300
F,J,K
BP
100
CDR31BP331B---
330
F,J,K
BP
100
CDR31BP361B---
360
F,J,K
BP
100
CDR31BP391B---
390
F,J,K
BP
100
CDR31BP431B---
430
F,J,K
BP
100
CDR31BP471B---
470
F,J,K
BP
100
CDR31BP511A---
510
F,J,K
BP
50
CDR31BP561A---
560
F,J,K
BP
50
CDR31BP621A---
620
F,J,K
BP
50
CDR31BP681A---
680
F,J,K
BP
50
AVX Style 0805/CDR31 (BX)
CDR31BX471B---
470
K,M
BX
100
CDR31BX561B---
560
K,M
BX
100
CDR31BX681B---
680
K,M
BX
100
CDR31BX821B---
820
K,M
BX
100
CDR31BX102B---
1,000
K,M
BX
100
CDR31BX122B---
1,200
K,M
BX
100
CDR31BX152B---
1,500
K,M
BX
100
CDR31BX182B---
1,800
K,M
BX
100
CDR31BX222B---
2,200
K,M
BX
100
CDR31BX272B---
2,700
K,M
BX
100
CDR31BX332B---
3,300
K,M
BX
100
CDR31BX392B---
3,900
K,M
BX
100
CDR31BX472B---
4,700
K,M
BX
100
CDR31BX562A---
5,600
K,M
BX
50
CDR31BX682A---
6,800
K,M
BX
50
CDR31BX822A---
8,200
K,M
BX
50
CDR31BX103A---
10,000
K,M
BX
50
CDR31BX123A---
12,000
K,M
BX
50
CDR31BX153A---
15,000
K,M
BX
50
CDR31BX183A---
18,000
K,M
BX
50
1 / The complete part number will include additional symbols to indicate capacitance
tolerance, termination and failure rate level.
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn