Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS14LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # NS14LF
Description  10/100 BASE PCMCIA TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

NS14LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  NS14LF Datasheet HTML 1Page - Bothhand USA, LP. NS14LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/100 BASE PCMCIA TRANSFORMER
BOTHHAND
USA
Page 1 of 2
Bothhand
USA
12-PIN Small Footprint PCMCIA package.
10/100 BASE-TX Isolation module.
Operating temperature range: 0 to +70 .
℃℃
Storage temperature range: -25 to +85 .
℃℃
Electrical Specifications @ 25℃
For customized parts or more detailed information, please log on
www.bothhandusa.com or write to sales@bothhandusa.com
Turn ratio
(±3%)
Insertion loss
(dB Max)
Return loss
(dB Min)
Cross talk
(dB Min)
Part
Number
(12-11):(1-2) (8-7):(5-6)
0.3-100 MHz
0.3-30MHz
40MHz
50MHz
60-80MHz
0.3-100MHz
NS14 LF
1CT:1CT
1CT:1CT
-1.1
-18
-15.5
-13.5
-10
-38
NS14-1 LF
1CT:1CT
1CT:1CT
-1.1
-18
-15.5
-13.5
-10
-38
NS14Z LF
1CT:1CT
1CT:1CT
-1.1
-18
-15.5
-13.5
-10
-38
(1-2) :(12-11) (5-6):(8-7)
NS14R LF
1CT:1CT
1CT:1CT
-1.1
-18
-15.5
-13.5
-10
-38
NS15 LF
1CT:1CT
1CT:1CT
-1.1
-18
-15.5
-13.5
-10
-38
Continue
CMR(dB Min)
DCR
(Ω Max)
Part
Number
OCL (uH Min)
@ 100KHz/0.2V
(12-11)&(8-7)
HI-POT
(Vrms)
Cw/w
(pF Max)
L.L
(uH Max)
(12-11)&(8-7)
Mech
0.3-100MHz
NS14 LF
350
1500
15
0.4
0.9
NSX-A
-30
NS14-1 LF
350
1500
15
0.4
0.9
NSX-A
-30
NS14Z LF
350
1500
20
0.4
0.9
NSX-A
-30
(1-2)&(5-6)
NS14R LF
350
1500
15
0.4
0.9
NSX-A
-30
NS15 LF
350
1500
15
0.4
0.9
NSX- A
-30
100
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http://www.bothhandusa.com


Similar Part No. - NS14LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NS1414 ETC2-NS1414 Datasheet
40Kb / 1P
   CONNECTORS FOR TUBE
logo
Bothhand USA, LP.
NS14BZ-LF BOTHHAND-NS14BZ-LF Datasheet
90Kb / 2P
   Half port and single port designs for maximum layout flexibility.
NS14Y-LF BOTHHAND-NS14Y-LF Datasheet
123Kb / 2P
   12-PIN Small Footprint PCMCIA package
NS14YLF BOTHHAND-NS14YLF Datasheet
123Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
More results

Similar Description - NS14LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NS0014YLF BOTHHAND-NS0014YLF Datasheet
202Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
NS0014-LF BOTHHAND-NS0014-LF Datasheet
161Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
NS0014Y-LF BOTHHAND-NS0014Y-LF Datasheet
202Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
   10/100 BASE PCMCIA TRANSFORMER
16ST0009PLF BOTHHAND-16ST0009PLF Datasheet
158Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
NS14YLF BOTHHAND-NS14YLF Datasheet
123Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
NS0015LF BOTHHAND-NS0015LF Datasheet
123Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
NS0014LF BOTHHAND-NS0014LF Datasheet
161Kb / 2P
   10/100 BASE PCMCIA TRANSFORMER
16ST0009MP BOTHHAND-16ST0009MP Datasheet
264Kb / 1P
   10/100 BASE PCMCIA TRANSFORMER
16ST0011P BOTHHAND-16ST0011P Datasheet
58Kb / 1P
   10/100 BASE PCMCIA TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com