Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP125AIDBVTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP125AIDBVTG4
Description  Accurate Digital Temperature Sensor with SPI田?Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP125AIDBVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TMP125AIDBVTG4 Datasheet HTML 1Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 2Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 3Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 4Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 5Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 6Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 7Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 8Page - Texas Instruments TMP125AIDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
www.ti.com
5
APPLICATIONS
The TMP125 10-bit, read-only digital temperature sensor
is optimal for thermal management and thermal protection
applications. The TMP125 is specified for a temperature
range of −40
°C to +125°C, with operation extending down
to −55
°C. It is specified for a supply voltage range of 2.7V
to 5.5V, and also features a hardware shutdown to provide
power savings. Quiescent current is reduced to 1
µA during
analog shutdown.
The TMP125 communicates through a serial interface that
is SPI-compatible. Temperature is converted to a 10-bit
data word with 0.25
°C resolution. The TMP125 is optimal
for low-power applications, with a 120ms conversion
period for reduced power consumption.
The sensing device of the TMP125 is the chip itself.
Thermal paths run through the package leads as well as
the plastic package, and the lower thermal resistance of
metal causes the leads to provide the primary thermal
path.
The TMP125 requires no external components for
operation, though a 0.1
µF supply bypass capacitor is
recommended. Figure 1 shows typical connection for the
TMP125.
TMP125
0.1
µF
V+
1
5
2
3
CS
SI
4
6
SCK
SO
Figure 1. Typical Connections for the TMP125
COMMUNICATING WITH THE TMP125
The TMP125 continuously converts temperatures to
digital data. Temperature data is read by pulling CS low.
Once CS is pulled low, temperature data from the last
completed conversion prior to dropping CS is latched into
the shift register and clocked out at SO on the falling SCK
edge. The 16-bit data word is clocked out sign bit first,
followed by the MSB. The SI pin is used to put the device
into shutdown mode. To enter shutdown mode, SI must be
high on the rising edge of the third bit of SCK (see
Figure 3). Also, all 16 bits must be clocked to allow
shutdown on the TMP125. To bring the device out of
shutdown, perform a 16-clock communication with SI set
to logic low. The 16-clock communication is the same as
the Data Read shown in Figure 3, except that the data on
SO will be the last conversion prior to putting the device
into shutdown mode. Note that SO is only used to control
the shutdown function; if not using this function, connect
this pin to ground.
The one-shot command can be used to force a single
conversion. When the command is issued, the part will
perform a single conversion and then go into shutdown
mode. After the conversion is complete, the conversion
result should be read with the power-down bit high (see
Figure 3) if you do not want to start a new conversion.
The TMP125 will go into idle mode for 60ms, requiring only
20
µA of current. A new conversion begins every 120ms.
Figure 2 describes the conversion timing for the TMP125.
TEMPERATURE REGISTER
The Temperature Register of the TMP125 is a 16-bit,
read-only register that stores the output of the most recent
conversion. However, temperature is represented by only
10-bits, which are in signed two’s complement format. The
first bit of the Temperature Register, D15, is a leading zero.
Bits D14 and D5 are used to indicate temperature. Bits D4
to D0 are the same as D5 (see Table 1). Data format for
temperature is summarized in Table 2. When calculating
the signed two’s complement temperature value, be sure
to use only the 10 data bits.
Following power-up or reset, the Temperature Register will
read 0
°C until the first conversion is complete.
D15
D14
D13
D12
D11
D10
D9
D8
0
T9
T8
T7
T6
T5
T4
T3
D7
D6
D5
D4
D3
D2
D1
D0
T2
T1
T0
T0
T0
T0
T0
T0
Table 1. Temperature Register
TEMPERATURE
(
°C)
DIGITAL OUTPUT
D14
…D5
+127
01 1111 1100
+125
01 1111 0100
+100
01 1001 0000
+75
01 0010 1100
+50
00 1100 1000
+25
00 0110 0100
+10
00 0010 1000
+0.25
00 0000 0001
0
00 0000 0000
−0.25
11 1111 1111
−25
11 1001 1100
−50
11 0011 1000
−55
11 0010 0100
Table 2. Temperature Data Format


Similar Part No. - TMP125AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVTG4 TI1-TMP125AIDBVTG4 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results

Similar Description - TMP125AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com