Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFC3265 Datasheet(PDF) 4 Page - NEC

Part # RFC3265
Description  On-site wireless telephony on your IP Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RFC3265 Datasheet(HTML) 4 Page - NEC

  RFC3265 Datasheet HTML 1Page - NEC RFC3265 Datasheet HTML 2Page - NEC RFC3265 Datasheet HTML 3Page - NEC RFC3265 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
An AP400 based IP DECT configuration can consist of AP400 series
Access Points (the system may also include AP200/300 series
APs), IP DECT system software (release 6), DAP manager software,
a DMLS open interface for messaging and DECT handsets. The
AP400 APs connect to the IP network and form a DECT system that
provides peer to peer IP communication between DECT handsets
and other VoIP users. The connection between AP400s and the
host PBX is using either a dedicated IP protocol or a SIP interface.
As such, it truly integrates with the host PBX system. With the SIP
support (SIP DECT) of AP400, the IP DECT system can be linked
to any certified SIP based host PBX system. The features provided
will depend on the level of SIP interworking. The IP network can be
one single converged voice/data network or a dedicated network.
An Access Point provides 12 DECT channels and supports
up to 11 simultaneous calls or 5 HD-Voice calls. One channel
is used for signalling between the Access Points. An IP DECT
configuration can also support other applications such as voice
mail, web-based telephony, central directory, and messaging. A
DAP Manager is required for installation, maintenance, subscription,
wide area roaming, and messaging. In most configurations the DAP
Manager is not required for operational use. AP400 series consists
of the following models: AP400 for all IP DECT and SIP DECT
applications, AP400E to connect external directional antennas. An
external housing comes with the AP400E for outdoor use, as well as
to protect the external antenna.
Corporate Headquarters (Japan)
NEC Corporation
www.nec.com
Australia
NEC Australia Pty Ltd
au.nec.com
North America (USA)
NEC Corporation of America
www.necam.com
Asia Pacific (AP)
NEC Asia Pacific
www.nec.com.sg
Europe (EMEA)
NEC Enterprise Solutions
www.nec-enterprise.com
About NEC Australia. NEC Australia is a leading technology company, delivering a complete portfolio of ICT solutions and services to large
enterprise, small business and government organisations. We deliver innovative solutions to help customers gain greater business value from
their technology investments.
NEC Australia specialises in information and communications technology solutions and services in multi-vendor environments. Solutions and
services include: IT applications and solutions development, unified communications, complex communications solutions, network solutions,
display solutions, identity management, research and development services, systems integration and professional, technical and managed
services.
IP DECT AP400 series
| v.26.11.2013
NEC Australia Pty Ltd reserves the right to change product specifications, functions, or features, at any time, without notice. Please refer to your local NEC representatives for further details. Although all efforts have
been made to ensure that the contents are correct, NEC shall not be liable for any direct, indirect, consequential or incidental damages resulting from the use of the equipment, manual or any related materials.
The information contained herein is the property of NEC Australia Pty Ltd and shall not be reproduced without prior written approval from NEC Australia Pty Ltd.
Copyright © 2013 NEC Australia Pty Ltd. All rights reserved. NEC, NEC logo, and UNIVERGE are trademarks or registered trademarks of NEC Corporation that may be registered in Japan and other jurisdictions.
All other trademarks are the property of their respective owners. All rights reserved. Printed in Australia. Note: This disclaimer also applies to all related documents previously published.
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632
IP DECT AP400 series
SIP Protocol support
IP DECT architecture
Directives and regulations
Environmental conditions
Reliability AP400 and AP400E
Compliance AP400/AP400E/AP400C
Maintenance
SIP RFC Support
RFC2246
RFC2822
RFC2976
RFC3264
RFC3311
RFC3428
RFC3578
RFC3711
RFC3891
RFC2327
RFC2833
RFC3261
RFC3265
RFC3325
RFC3515
RFC3665
RFC3842
RFC4568
Directives and
regulations
Europe
R&TTE directive 1999/5/EC
EMC directive 2004/108/EC
LVD directive 2006/95/EC
ROHS directive 2002/95/EC, 2011/65/EU
and WEEE directive 2002/96/EC
ERP directive 2009/125/EC
Directives and
regulations
North America
FCC part 15C, 15D
RSS 210, RSS 213 North America
HAC/VCHAC/VC
Maintenance
and service
LED status indication
Web based management tool
Downloadable DAP software
Operating:
5°C to +45°C (class 3.2)
Transport:
–40°C to +70°C (class 2.3)
Storage:
–25°C to +60°C (class 1.2)
Relative Humidity
< 90% (non condensing)
European Conformity
The AP400 carries a CE mark
EMC
EN301 489-1, EN301 489-6,
EN61000-3-2/3 (AC supply)
DECT
EN301 406,
ETS 300 757 (Service Class 2)
Safety & Health
EN60950-1, EN50385
MTBF
≤ 4900 FIT (Failure In Time)
Technical Lifetime
≥ 7 years


Similar Part No. - RFC3265

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RFC3K CHONGQING-RFC3K Datasheet
39Kb / 1P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
RFC3K CHONGQING-RFC3K Datasheet
176Kb / 1P
   0.2AMPS. HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
More results

Similar Description - RFC3265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
   Connector for flexible on-site assembly
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
logo
SHENZHEN KYL COMMUNICAT...
KYL-815 KYL-KYL-815 Datasheet
470Kb / 5P
   4-way wireless ON-OFFModule
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
100LX ETC2-100LX Datasheet
168Kb / 2P
   Network Device System-on-Chip
logo
SHENZHEN KYL COMMUNICAT...
KYL-818 KYL-KYL-818 Datasheet
537Kb / 5P
   8-way wireless ON-OFFModule
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com