Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFC2833 Datasheet(PDF) 2 Page - NEC

Part # RFC2833
Description  On-site wireless telephony on your IP Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RFC2833 Datasheet(HTML) 2 Page - NEC

  RFC2833 Datasheet HTML 1Page - NEC RFC2833 Datasheet HTML 2Page - NEC RFC2833 Datasheet HTML 3Page - NEC RFC2833 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IP DECT AP400 series
AP400 features
Antenna
Standard: internal omni-directional antenna
Optional: external antenna (only on AP400E)
Call handling
features
Crystal clear speech
CLIP and name display
Enquiry
Conferencing
Seamless integration with features of PBX
platform 1)
Central Directory support 1)
DTMF and call progress tones
Overlap Sending
Multiple call Appearance (2nd call)
Capacity
Channels: 12 channels providing max. 11 simultaneous calls per AP400
Maximum number of DECT Access Points is 750
Maximum number of extensions is 18750 (this number is restricted by the maximum number of extensions
supported by the host PBX system)
Design
Very compact unit (less than A5 size) with flexible antenna positioning
Housing
Indoor use: mounting on wall or under ceiling
Optional: weather proof outdoor housing
Localisation
support
Supported frequency bands: EMEA, US, Latin America, Thailand 2)
AP400 is available for EMEA, US and Canada, Latin America, Australia and specific Far East markets
A dedicated AP400 configuration is available for Cruise Line ships that need the frequency band to be switched
from EMEA to North American band (based on GPS position)
Management
DAP Manager runs on a standard Windows PC, can run in parallel with other applications
DAP Manager is not required for daily use, unless support of wide area roaming or messaging is required
Messaging
Messaging (LRMS) support
Maximum message length support: 160
characters 3)
Message broadcast support 1)
Message waiting indication
Menu
Easy menu programming
Messaging
Messaging (LRMS) support
Message waiting (voicemail)
Support of different urgencies/priorities: Normal,
urgent and emergency
Message broadcast support
Set-up of voice call to call back number in message
Mobility/other
Supports DECT compatible handsets
Roaming and seamless handover
Full non-blind slot radio
Location detection 1)
Multi-site
support (main
and branch
offices)
AP400 can be used in main and branch offices
AP400s in a DECT location are part of the same
multi-cast group in the LAN
For use in WAN no multi-cast is required
DAP manager is required for wide area roaming
Branch and main offices form one combined DECT
system
Network
aspects
Connects directly to Local Area Network
Ethernet
Multicast
10/100 Mbits Ethernet interface
Support of G.711 and G.722 for CAT-iq 5)
Support of G.729AB compression (with G7A add-on board)
Power supply
Power over Ethernet (PoE) according to 802.3af
Security
Secure DECT authentication on all channels
Service/
maintenance
Software upgrading via air interface 4)
Software upgrading of handsets via air interface 4)
Software upgrading via headset connector (2.5 mm)
LED status indicator
SIP protocol
support
AP400 supports SIP protocol (See also the SIP Protocol Support table)
The AP400 adds DECT mobility to a SIP enabled PBX (See also the paragraph on PBX platform compatibility)
Signalling
Synchronisation requires 1 channel
User interface
Web access (via DAP Manager)
Directly from DAP Manager application PC
1) Features depend on the capabilities of the PBX and IP DECT system.
2) EMEA DECT frequency band is supported in most Asian markets as well.
3) The maximum number of characters depends on the PBX platform and application used for messaging.
4) See DECT handset datasheets for support of software upgrading through the air.
5) CAT-iq features are enabled by specific R6 versions.


Similar Part No. - RFC2833

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RFC20 ALLIED-RFC20 Datasheet
895Kb / 1P
   Radial Flat Coils
RFC20-100K-RC ALLIED-RFC20-100K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
RFC20-100K-RC ALLIED-RFC20-100K-RC Datasheet
895Kb / 1P
   Radial Flat Coils
RFC20-101K-RC ALLIED-RFC20-101K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
RFC20-101K-RC ALLIED-RFC20-101K-RC Datasheet
895Kb / 1P
   Radial Flat Coils
More results

Similar Description - RFC2833

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
   Connector for flexible on-site assembly
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
logo
SHENZHEN KYL COMMUNICAT...
KYL-815 KYL-KYL-815 Datasheet
470Kb / 5P
   4-way wireless ON-OFFModule
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
100LX ETC2-100LX Datasheet
168Kb / 2P
   Network Device System-on-Chip
logo
SHENZHEN KYL COMMUNICAT...
KYL-818 KYL-KYL-818 Datasheet
537Kb / 5P
   8-way wireless ON-OFFModule
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com