Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TA8252H Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TA8252H
Description  Max Power 37W BTL × 4ch Audio Power IC
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TA8252H Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TA8252H
2002-10-30
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8252H
Max Power 37W BTL × 4ch Audio Power IC
The TA8252H is 4ch BTL audio power amplifier for car audio
application.
This IC can generate more high power: POUT MAX = 37W
as it is included the pure complementary PNP and NPN
transistor output stage.
It is designed low distortion ratio for 4ch BTL audio power
amplifier,built−in stand−by function, muting function,clip
detector,and diagnosis circuit.
Additionally, the AUX.amplifier is built−in, it can make the beep
signal etc.output to 2 channnels (out 1 and 4).It contains various
kind of protectors for car audio use.
Features
· High power
: POUT MAX (1) = 37W (typ.)
(VCC = 14.4V, f = 1kHz, EIAJ max., RL = 4Ω)
: POUT MAX (2) = 35W (typ.)
(VCC = 13.7V, f = 1kHz, EIAJ max., RL = 4Ω)
: POUT (1) = 24W (typ.)
(VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4Ω)
: POUT (2) = 21W (typ.)
(VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4Ω)
· Built−in clip detector & diagnosis circuit.(pin(25))
· Low distortion ratio: THD = 0.02% (typ.)
(VCC = 13.2V, f = 1kHz, POUT = 5W, RL = 4Ω)
· Low noise: VNO = 0.10mVrms (typ.)
(VCC = 13.2V, Rg = 0Ω, GV = 26dB, BW = 20~20kHz)
· Built−in stand−by switch function (pin(2))
· Built−in multing function (pin(24))
· Built−in AUX. amplifier from single input (pin(16)) to 2 channels output; out1 and 4
· Built−in various protection circuit
: Thermal shut down, Over voltage, Out to GND, Out to VCC, Out to Out short.
· Operating supply voltage: VCC (opr) = 9~18V
Weight: 9.8g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn