Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3262 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262
Description  Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC3262 Datasheet HTML 5Page - Texas Instruments TLV320AIC3262 Datasheet HTML 6Page - Texas Instruments TLV320AIC3262 Datasheet HTML 7Page - Texas Instruments TLV320AIC3262 Datasheet HTML 8Page - Texas Instruments TLV320AIC3262 Datasheet HTML 9Page - Texas Instruments TLV320AIC3262 Datasheet HTML 10Page - Texas Instruments TLV320AIC3262 Datasheet HTML 11Page - Texas Instruments TLV320AIC3262 Datasheet HTML 12Page - Texas Instruments TLV320AIC3262 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
TLV320AIC3262
www.ti.com
SLAS679A – DECEMBER 2011 – REVISED SEPTEMBER 2015
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
BALL NO.
NAME
Primary:
Audio Serial Data Bus 1 Data Output
Secondary:
Audio Serial Data Bus 1 Data Output (L1/R1)
H2
DOUT1
O
General Purpose Output
CLKOUT Output
SAR ADC Interrupt
INT1 Output
INT2 Output
H3
IOVDD
P
Digital I/O Buffer Supply
I2C Interface Serial Clock (SPI_SELECT = 0)
H4
SCL
I/O
SPI interface mode chip-select signal (SPI_SELECT = 1)
I2C interface mode serial data input (SPI_SELECT = 0)
H5
SDA
I/O
SPI interface mode serial data input (SPI_SELECT = 1)
Multifunction Digital Output 1
Primary: (SPI_SELECT = 1)
Serial Data Output
Secondary: (SPI_SELECT = 0)
General Purpose Output
H6
GPO1
O
CLKOUT Output
ADC MOD Clock Output
SAR ADC Interrupt
INT1 Output
INT2 Output
Audio Serial Data Bus 1 Data Output (L2/R2 or L3/R3 or L4/R4)
Primary:
Audio Serial Data Bus 3 Bit Clock
Secondary:
H7
BCLK3
I/O
General Purpose Input
General Purpose Output
Low-Frequency Clock Input
Audio Serial Data Bus 1 Data Output (L3/R3)
Multi Function Digital IO 2
Outputs:
General Purpose Output
ADC MOD Clock Output For Digital Microphone
CLKOUT Output
SAR ADC Interrupt
INT1 Output
INT2 Output
Audio Serial Data Bus 1 Data Output (L2/R2 or L3/R3 or L4/R4)
Audio Serial Data Bus 1 Bit Clock Output
ADC Word Clock Output for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
H8
GPIO2
I/O
ADC Bit Clock Output for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
Inputs:
General Purpose Input
Digital Microphone Data Input
Audio Serial Data Bus 1 Data Input (L2/R2 or L3/R3 or L4/R4)
Audio Serial Data Bus 1 Bit Clock Input
General Clock Input
Low-Frequency Clock Input
ADC Word Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
ADC Bit Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
H9
IOVDD
P
Digital I/O Buffer Supply
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLV320AIC3262


Similar Part No. - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262IYZFT TI1-TLV320AIC3262IYZFT Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
More results

Similar Description - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com