Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3262 Datasheet(PDF) 74 Page - Texas Instruments

Part # TLV320AIC3262
Description  Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TLV320AIC3262_17 Datasheet HTML 70Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 71Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 72Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 73Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 74Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 75Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 76Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 77Page - Texas Instruments TLV320AIC3262_17 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
85
90
95
100
105
110
−10
0
10
20
30
40
50
Rin = 10k, SE
Rin = 20k, SE
Rin = 40k, SE
Rin = 10k, DE
Rin = 20k, DE
Rin = 40k, DE
Channel Gain (dB)
G001
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
20
40
60
80
100
120
140
160
180
CM=0.75V,
RECVDD=1.65V
CM=0.9V,
RECVDD=1.8V
CM=1.25V,
RECVDD=2.5V
CM=1.5V,
RECVDD=3V
CM=1.65V,
RECVDD=3.3V
Output Power (mW)
G008
TLV320AIC3262
SLAS679A – DECEMBER 2011 – REVISED SEPTEMBER 2015
www.ti.com
11.2.2.2 Reference Filtering Capacitor
The TLV320AIC3262 has a built-in bandgap used to generate reference voltages and currents for the device. To
achieve high SNR, the reference voltage on VREF_AUDIO should be filtered using a 10-
μF capacitor from
VREF_AUDIO pin to ground.
11.2.2.3 MICBIAS
TLV320AIC3262 has a built-in bias voltage output for biasing of microphones. No intentional capacitors should
be connected directly to the MICBIAS output for filtering
11.2.3 Application Curves
Figure 34. ADC SNR vs Channel Gain Input-Referred
Figure 35. Total Harmonic Distortion + Noise vs
Differential Receiver Output Power 32-
Ω Load
12 Power Supply Recommendations
The TLV320AIC3262 integrates a large amount of digital and analog functionality, and each of these blocks can
be powered separately to enable the system to select appropriate power supplies for desired performance and
power consumption. The device has separate power domains for digital IO, digital core, analog core, analog
input, receiver driver, charge-pump input, headphone driver, and speaker drivers. If desired, all of the supplies
(except for the supplies for speaker drivers, which can directly connect to the battery) can be connected together
and be supplied from one source in the range of 1.65 to 1.95 V. Individually, the IOVDD voltage can be supplied
in the range of 1.1 V to 3.6 V. For improved power efficiency, the digital core power supply can range from 1.26
V to 1.95 V. The analog core voltages (AVDD1_18, AVDD2_18, AVDD4_18, and AVDD_18) can range from 1.5
V to 1.95 V. The microphone bias (AVDD3_33) and receiver driver supply (RECVDD_33) voltages can range
from 1.65 V to 3.6 V. The charge-pump input voltage (CPVDD_18) can range from 1.26 V to 1.95 V, and the
headphone driver supply (HVDD_18) voltage can range from 1.5 V to 1.95 V. The speaker driver voltages
(SLVDD, SRVDD, and SPK_V) can range from 2.7 V to 5.5 V.
For more detailed information see the TLV320AIC3262 Applications Reference Guide, SLAU309.
12.1 Device Power Consumption
Device power consumption largely depends on PowerTune configuration. For information on device power
consumption, see the TLV320AIC3262 Application Reference Guide, SLAU309.
74
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3262


Similar Part No. - TLV320AIC3262_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_15 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3262_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3268 TI-TLV320AIC3268_15 Datasheet
4Mb / 263P
[Old version datasheet]   TLV320AIC3268 Low Power Stereo Audio Codec With 105dB DAC, DirectPath Headphone and Class-D Speaker Amplifier and Integrated miniDSP
TLV320AIC3212 TI1-TLV320AIC3212 Datasheet
1Mb / 61P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
TLV320AIC3212 TI-TLV320AIC3212_15 Datasheet
1Mb / 78P
[Old version datasheet]   TLV320AIC3212 Ultra-Low Power Stereo Audio Codec With Receiver Driver, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com