Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP400 Datasheet(PDF) 3 Page - NEC

Part # AP400
Description  On-site wireless telephony on your IP Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

AP400 Datasheet(HTML) 3 Page - NEC

  AP400 Datasheet HTML 1Page - NEC AP400 Datasheet HTML 2Page - NEC AP400 Datasheet HTML 3Page - NEC AP400 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IP DECT AP400 series
Dimensions
291x241x88 mm (wxhxd)
Weight
1.23 kg (inclusive radio & 8dBi antenna
and antenna cables)
Protection
Handset: IP20
Material
Polycarbonate
Colour
Grey (RAL 7035)
Mounting of
outdoor box
Base stations are installed inside
as a complete unit
Wall mounting material included
Operating with
outdoor box
-20°C to +45°C (class 3.2)
No additional heating required
UV radiation resistant
Relative humidity
5 to 95%
Hermetically closed
IP66
Outdoor box
IEC 62208, UL 508 A, IEC 62262: IK08,
NEMA 4.4X: IP66
Industrial use
IEC 439-4
PC Operating
System/browser
Windows 2003 Server SP2
or higher
Windows 2008 SP2
Windows 2008 R2
Windows XP Professional
SP2 or higher
Windows 7 (Professional,
Enterprise and Ultimate)
Browser: Internet Explorer
6.0 or higher
Required PC hardware
CPU: Minimum 2.4 GHz
RAM: Minimum 1 Gb
Dimensions
Outdoor box
DAP Manager platform
PBX platform compatibility
AP400 package content
External Antenna
Dimensions
146x174x43 mm (wxhxd) including antenna part
mounted horizontally) (in case the antenna part is
mounted vertically 146x147x69 mm)
Weight
302 gram (AP400E 306 gram)
ABS/polycarbonate
Protection
Handset: IP20
Range
Indoor: 50 m max 5)
Outdoor: 300 m max 5)
Power
supply
Power over Ethernet (PoE): 36-57 V over spare wire
pairs and phantom feed: IEEE802.3af (Class 2)
Colour and
finishing
Housing: white (RAL9010), antenna part light grey
(RAL7035)
Network
10/100BASE-T IEEE802.3
Connector
8-pin RJ45
Cable
Cat. 5 or CAT 6 UTP
IP version
4, DHCP, TFTP
QoS
IEEE802.1Q, 802.1p
DiffServ
Yes
Audio
algorithms
G.711
G.729AB (AP400 and AP400E: plus G7A
board)
Full non-
blind slot
DECT RF
part
According to EN301406
RF output 6) 10mW average per channel at antenna connection
Sensitivity
Typical -90 dBm measured at antenna connection
at BER=0.001
Antenna
Dual omni-directional internal antennas
Frequency
bands
EMEA: 1880 – 1900 MHz
Thailand: 1900 – 1906 MHz
Latin America: 1910 – 1930 MHz
North America: 1920 – 1930 MHz
10 carrier frequencies (or less, depending on
country regulations)
Typical
range
Indoor: 20 – 50 m 5)
Outdoor: 300 m 5)
5) The radio coverage of DECT equipment depends on the
environment and presence of obstacles.
6) For specific countries, such as Egypt, the maximum number
of channels is 6 channels per base.
Compatible with all NEC communication platforms: UNIVERGE
SL-series, SV8100, SV8300, SV8500.
SIP compatibility has been tested with various 3rd party PBX
systems, such as with Mitel 3300, Cisco CUCM R6.1/R8.x)
and Alcatel Lucent Omni PCX Enterprise R9.x (ask your local
representative for detailed information).
AP400 model
Mounting material
External Directional
Antennas
AP400E for external,
directional antennas


Similar Part No. - AP400

ManufacturerPart #DatasheetDescription
logo
LEM
AP400-B10 LEM-AP400-B10 Datasheet
56Kb / 2P
   AC Current transducer AP-B10
AP400-B420L LEM-AP400-B420L Datasheet
56Kb / 2P
   AC Current transducer AP-B420L
logo
Advanced Power Electron...
AP4002H,J A-POWER-AP4002H,J Datasheet
66Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4002H-HF A-POWER-AP4002H-HF Datasheet
66Kb / 5P
   Fast Switching Characteristics
logo
SHENZHEN DOINGTER SEMIC...
AP4002H-HF DOINGTER-AP4002H-HF Datasheet
836Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AP400

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM_15 Datasheet
1Mb / 32P
   SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote-on-Chip
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
   Connector for flexible on-site assembly
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR_15 Datasheet
1Mb / 32P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
LTP5901-IPR LINER-LTP5901-IPR Datasheet
1Mb / 34P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
logo
SHENZHEN KYL COMMUNICAT...
KYL-815 KYL-KYL-815 Datasheet
470Kb / 5P
   4-way wireless ON-OFFModule
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
100LX ETC2-100LX Datasheet
168Kb / 2P
   Network Device System-on-Chip
logo
SHENZHEN KYL COMMUNICAT...
KYL-818 KYL-KYL-818 Datasheet
537Kb / 5P
   8-way wireless ON-OFFModule
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com