Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3206IRSBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3206IRSBT
Description  Ultra Low-Power Stereo Audio Codec
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3206IRSBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC3206IRSBT Datasheet HTML 4Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 5Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 6Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 7Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 8Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 9Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 10Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 11Page - Texas Instruments TLV320AIC3206IRSBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TLV320AIC3206
SLAS649C – DECEMBER 2010 – REVISED NOVEMBER 2014
www.ti.com
8.4 Thermal Information
TLV320AIC3206
THERMAL METRIC(1)
RSB (QFN)
YZF (DSGBA)
UNIT
48 PINS
42 PINS
RθJA
Junction-to-ambient thermal resistance
32.3
49.7
RθJCtop
Junction-to-case (top) thermal resistance
22.5
0.1
RθJB
Junction-to-board thermal resistance
6.1
7.7
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.1
ψJB
Junction-to-board characterization parameter
6
7.7
RθJCbot
Junction-to-case (bottom) thermal resistance
1.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5 Electrical Characteristics, ADC
At 25°C, Vsys, AVdd, DVdd, IOVdd, DVdd_CP, DRVdd_HP = 1.8V, fs (Audio) = 48kHz, Cref = 1µF on REF PIN, PLL and
Charge pump disabled unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO ADC (1) (2) (CM = 0.9V)
Input signal level (for 0dB output) Single-ended, CM = 0.9V
0.5
VRMS
1kHz sine wave input
Single-ended Configuration
IN1_R to Right ADC and IN1_L to Left ADC,
RIN = 20kΩ, fS = 48kHz,
Device Setup
AOSR = 128, MCLK = 256 * fS,
PLL Disabled; AGC = OFF,
Channel Gain = 0dB,
Processing Block = PRB_R1,
Power Tune = PTM_R4
Inputs ac-shorted to ground
80
93
IN2_R, IN3_R routed to Right ADC and ac-shorted to
93
Signal-to-noise ratio, A-
SNR
dB
ground
weighted(1) (2)
IN2_L, IN3_L routed to Left ADC and ac-shorted to
ground
DR
Dynamic range A-weighted(1) (2)
–60dB full-scale, 1kHz input signal
93
dB
–3dB full-scale, 1kHz input signal
–84
–70
Total Harmonic Distortion plus
IN2_R,IN3_R routed to Right ADC
–84
THD+N
dB
Noise
IN2_L, IN3_L routed to Left ADC
–3dB full-scale, 1kHz input signal
AUDIO ADC (CM = 0.75V)
Input signal level (for 0dB output) Single-ended, CM = 0.75V, AVdd = 1.5V
0.375
VRMS
Device Setup: 1kHz sine wave input
Single-ended Configuration
INR, IN2_R, IN3_R routed to Right ADC
INL, IN2_L, IN3_L routed to Left ADC
RIN = 20kΩ, fS = 48kHz,
AOSR = 128, MCLK = 256 * fS,
PLL Disabled, AGC = OFF,
Channel Gain = 0dB,
Processing Block = PRB_R1
Power Tune = PTM_R4
SNR
Signal-to-noise ratio, A-weighted
Inputs ac-shorted to ground
90
dB
(1) (2)
(1)
Ratio of output level with 1kHz full-scale sine wave input, to the output level with the inputs short circuited, measured A-weighted over a
20Hz to 20kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values
8
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3206


Similar Part No. - TLV320AIC3206IRSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3206IRSBT TI1-TLV320AIC3206IRSBT Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206IRSBT TI1-TLV320AIC3206IRSBT Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3206IRSBT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
logo
Texas Instruments
TLV320AIC3204 TI-TLV320AIC3204 Datasheet
2Mb / 159P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com