Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSV26R0203K Datasheet(PDF) 1 Page - AVX Corporation

Part # FSV26R0203K
Description  Medium Power Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FSV26R0203K Datasheet(HTML) 1 Page - AVX Corporation

  FSV26R0203K Datasheet HTML 1Page - AVX Corporation FSV26R0203K Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31
GENERAL DESCRIPTION
Metallized dielectric capacitor and metal foil, low serial inductance
and high RMS current.
APPLICATIONS
• Protection of semi conductors
• High frequency decoupling
• Tuning
PACKAGING MATERIAL
• Cylindrical
with
polyester
tape
wrapping,
sealed
with
polyurethane resin
• Radial connections
Medium Power Film Capacitors
FSV (RoHS Compliant)
25.0 MAX
(0.984)
*27.0
±2.00
(1.063
±0.079)
15.0 MIN
(0.591)
MARKING
*PITCH DIMENSION AT 2.00mm (0.079) LENGTH OF LEADS
Ø1 (0.039) +10%
-0.05 (-0.002)
D MAX.
25.0 MAX
(0.984)
*27.0
±2.00
(1.063
±0.079)
15.0 MIN
(0.591)
MARKING
*PITCH DIMENSION AT 2.00mm (0.079) LENGTH OF LEADS
*15.0
±2.00
(0.591
±0.079)
Ø1 (0.039) +10%
-0.05 (-0.002)
D MAX.
DIMENSIONS
Case 1
Case 2
HOW TO ORDER
FSV
Series
1
Case Size
Case Size 1
Case Size 2
6
Dielectric
6 = Polypropylene
K
Voltage
Code
K = 600Vdc
B = 800Vdc
L = 1000Vdc
U = 1200Vdc
R = 1500Vdc
N = 2000Vdc
0683
Capacitance
Code
0 + pF code
0683 = 0.068μF
0333 = 0.033μF
0203 = 0.020μF
etc.
K
Capacitance
Tolerances
K = ±10%
––
Terminal Code
– – = Standard


Similar Part No. - FSV26R0203K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
   Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
   Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
FSV2050V ONSEMI-FSV2050V Datasheet
189Kb / 5P
   Schottky Rectifier 20 A, 50 V Ultra-Low VF
April, 2020 - Rev. 3
logo
Fairchild Semiconductor
FSV240AF FAIRCHILD-FSV240AF Datasheet
114Kb / 5P
   Low Forward Voltage Drop: 0.5 V Maximum at 2 A
More results

Similar Description - FSV26R0203K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com