Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM16C00 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C00
Description  Configurable Multiple Function PCMCIA Interface Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C00 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button PCM16C00 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 9Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 10Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 11Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 12Page - National Semiconductor (TI) PCM16C00 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
50 Functional Description (Continued)
TABLE 5-1 Attribute Memory Map
(Continued)
Register Description
Register Type
Address (Hex)
EEPROM
Function 1 Base B Register
PCMCIA Extension
0x104C
No
Unused
PCMCIA Extension
0x104E – 0x1050
No
Function 1 Limit Register
PCMCIA Extension
0x1052
No
Reserved for Future Use Registers
PCMCIA Extension
0x1054 – 0x105E
No
512 IO Memory Addressing
National’s PCM16C00 uses a pair of address base and limit
registers to fragment the IO Address space This allows I
O transactions from the PCMCIA Host to be steered to the
appropriate function
TLF11669 – 4
IO Address Space
FIGURE 5-1 IO Address Decoding for
two functions on a PCMCIA Card
513 Common Memory Addressing
National’s PCM16C00 does not specifically decode com-
mon memory address accesses initiated by the host Rath-
er it will pass host accesses HADDR(150) through to
LADDR(150) and HDATA(150) through to LDATA(150)
once the host is granted access to the card using the arbi-
ter In addition the PCM16C00 will pass the HOE
signal
assertion through to the MEMOE
signal and the host
HWE
signal assertion to the MEMWEH
MEMWEL
signals appropriately The assertion of MEMWEH
MEM-
WEL
or both is determined by an 8-bit or 16-bit access
and the address boundary as specified in the PCMCIA
Specification The functions are free to use common memo-
ry by arbitrating for the card local bus If granted the
PCM16C00 will relinquish the LADDR(150) and LDA-
TA(150) bus to the function
If a function is mapped to common memory such as a
FLASH device and requires further address lines it may
use the HADDR(2516) lines from the PCMCIA socket as
appropriate even though these signals do not go into the
PCM16C00 These signals can be considered to be side-
band to the PCM16C00 The card design is free to use ex-
ternal decoding logic for common memory
For an Ethernet LAN card that desires to have a FLASH
device HADDR(16) may be used to fragment the Common
Memory space into 2 pieces When HADDR(16) is zero (0)
the LAN SRAM buffers (up to 64-kbyte max) may be select-
ed When HADDR(16) is one (1) a 64-kbyte FLASH device
may be selected This use of one address line does not
require an additional IC If a FLASH device greater than 64k
is desired minimal decoding logic would become neces-
sary
52 REGISTERS
521 PCMCIA Registers
The PCMCIA register’s context is for its respective function
Each function (01) has its own set of Configuration Regis-
ters so that each function may be configured and operated
on independently from a programming model viewpoint
CIS (CARD INFORMATION STRUCTURE)
0x000 – 0x03E2
When the PCM16C00 powers on the contents of the lower
2005-kbyte of the EEPROM are loaded into the device’s
shadow RAM This not only allows attribute memory ac-
cesses to the CIS but it also provides defaults for 10
PCM16C00 specific registers to be loaded This allows de-
fault loading of parameters that are transparent to system or
device software The best use is for the card manufacturer
to determine what values these should be and program
them into the EEPROM when the CIS is programmed Either
system software such as Card ServicesSocket Services or
device software may read and parse the CIS by accessing
attribute memory on the PC Card If desired this software
agent may write to the CIS or default EEPROM registers
and if desired have these new values saved to the EEP-
ROM The actual contents of the CIS and the static regis-
ters is PC Card design dependent
9


Similar Part No. - PCM16C00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C010 NSC-PCM16C010 Datasheet
394Kb / 38P
   Configurable PC Card Interface Chip
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
   Configurable Multiple Function PC Card Interface Chip
PCM16C02VJG NSC-PCM16C02VJG Datasheet
420Kb / 42P
   Configurable Multiple Function PC Card Interface Chip
More results

Similar Description - PCM16C00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
   Configurable Multiple Function PC Card Interface Chip
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com