Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2988AILDX-3.0 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2988AILDX-3.0
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2988AILDX-3.0 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2988AILDX-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 9Page - National Semiconductor (TI) LP2988AILDX-3.0 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Ordering Information (LP2988) (Continued)
TABLE 2. Package Marking and Ordering Information (Continued)
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
3.2
STD
LP2988IMMX-3.2
L67B
3500 Units on Tape and
Reel
3.2
STD
LP2988IMM-3.2
L67B
1000 Units on Tape and
Reel
3.0
A
LP2988AIMMX-3.0
L49A
3500 Units on Tape and
Reel
3.0
A
LP2988AIMM-3.0
L49A
1000 Units on Tape and
Reel
3.0
STD
LP2988IMMX-3.0
L49B
3500 Units on Tape and
Reel
3.0
STD
LP2988IMM-3.0
L49B
1000 Units on Tape and
Reel
2.8
A
LP2988AIMMX-2.8
L0IA
3500 Units on Tape and
Reel
2.8
A
LP2988AIMM-2.8
L0IA
1000 Units on Tape and
Reel
2.8
STD
LP2988IMMX-2.8
L0IB
3500 Units on Tape and
Reel
2.8
STD
LP2988IMM-2.8
L0IB
1000 Units on Tape and
Reel
2.7
A
LP2988AIMMX-2.7
LCVA
3500 Units on Tape and
Reel
2.7
A
LP2988AIMM-2.7
LCVA
1000 Units on Tape and
Reel
2.7
STD
LP2988IMMX-2.7
LCVB
3500 Units on Tape and
Reel
2.7
STD
LP2988IMM-2.7
LCVB
1000 Units on Tape and
Reel
2.5
A
LP2988AIMMX-2.5
L99A
3500 Units on Tape and
Reel
2.5
A
LP2988AIMM-2.5
L99A
1000 Units on Tape and
Reel
2.5
STD
LP2988IMMX-2.5
L99B
3500 Units on Tape and
Reel
2.5
STD
LP2988IMM-2.5
L99B
1000 Units on Tape and
Reel
5.0
A
LP2988AIMX-5.0
2988AIM5.0
2500 Units on Tape and
Reel
5.0
A
LP2988AIM-5.0
2988AIM5.0
Shipped in Anti-Static
Rails
5.0
STD
LP2988IMX-5.0
2988IM5.0
2500 Units on Tape and
Reel
5.0
STD
LP2988IM-5.0
2988IM5.0
Shipped in Anti-Static
Rails
3.8
A
LP2988AIMX-3.8
2988AIM3.8
2500 Units on Tape and
Reel
3.8
A
LP2988AIM-3.8
2988AIM3.8
Shipped in Anti-Static
Rails
3.8
STD
LP2988IMX-3.8
2988IM3.8
2500 Units on Tape and
Reel
www.national.com
6


Similar Part No. - LP2988AILDX-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2988AIM-5.0 TI1-LP2988AIM-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2988AIM-5.0/NOPB TI1-LP2988AIM-5.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2988AIMM-2.8/NOPB TI1-LP2988AIMM-2.8/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2988AIMM-3.0/NOPB TI1-LP2988AIMM-3.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2988AIMM-3.3/NOPB TI1-LP2988AIMM-3.3/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
More results

Similar Description - LP2988AILDX-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2987 TI-LP2987_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com