Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7195BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7195BCPZ
Description  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7195BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7195BCPZ Datasheet HTML 3Page - Analog Devices AD7195BCPZ Datasheet HTML 4Page - Analog Devices AD7195BCPZ Datasheet HTML 5Page - Analog Devices AD7195BCPZ Datasheet HTML 6Page - Analog Devices AD7195BCPZ Datasheet HTML 7Page - Analog Devices AD7195BCPZ Datasheet HTML 8Page - Analog Devices AD7195BCPZ Datasheet HTML 9Page - Analog Devices AD7195BCPZ Datasheet HTML 10Page - Analog Devices AD7195BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AD7195
Rev. 0 | Page 6 of 44
TIMING CHARACTERISTICS
AVDD = 4.75 V to 5.25 V, DVDD = 2.7 V to 5.25 V, AGND = DGND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = DVDD, unless
otherwise noted.
Table 2.
Parameter
Limit at TMIN, TMAX (B Version)
Unit
Conditions/Comments1, 2
READ AND WRITE OPERATIONS
t3
100
ns min
SCLK high pulse width
t4
100
ns min
SCLK low pulse width
READ OPERATION
t1
0
ns min
CS falling edge to DOUT/RDY active time
60
ns max
DVDD = 4.75 V to 5.25 V
80
ns max
DVDD = 2.7 V to 3.6 V
t23
0
ns min
SCLK active edge to data valid delay4
60
ns max
DVDD = 4.75 V to 5.25 V
80
ns max
DVDD = 2.7 V to 3.6 V
t55, 6
10
ns min
Bus relinquish time after CS inactive edge
80
ns max
t6
0
ns min
SCLK inactive edge to CS inactive edge
t7
10
ns min
SCLK inactive edge to DOUT/RDY high
WRITE OPERATION
t8
0
ns min
CS falling edge to SCLK active edge setup time4
t9
30
ns min
Data valid to SCLK edge setup time
t10
25
ns min
Data valid to SCLK edge hold time
t11
0
ns min
CS rising edge to SCLK edge hold time
1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.6 V.
2 See Figure 3 and Figure 4.
3 These numbers are measured with the load circuit shown in Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
4 The SCLK active edge is the falling edge of SCLK.
5 These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit shown in Figure 2. The measured number
is then extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the
true bus relinquish times of the part and, as such, are independent of external bus loading capacitances.
6
RDY returns high after a read of the data register. In single conversion mode and continuous conversion mode, the same data can be read again, if required, while RDY
is high, although care should be taken to ensure that subsequent reads do not occur close to the next output update. If the continuous read feature is enabled, the
digital word can be read only once.


Similar Part No. - AD7195BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7195BCPZ AD-AD7195BCPZ Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7195BCPZ AD-AD7195BCPZ Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL7 AD-AD7195BCPZ-RL7 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
More results

Similar Description - AD7195BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com