Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5941NT Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5941NT
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5941NT Datasheet(HTML) 2 Page - Texas Instruments

  TLC5941NT Datasheet HTML 1Page - Texas Instruments TLC5941NT Datasheet HTML 2Page - Texas Instruments TLC5941NT Datasheet HTML 3Page - Texas Instruments TLC5941NT Datasheet HTML 4Page - Texas Instruments TLC5941NT Datasheet HTML 5Page - Texas Instruments TLC5941NT Datasheet HTML 6Page - Texas Instruments TLC5941NT Datasheet HTML 7Page - Texas Instruments TLC5941NT Datasheet HTML 8Page - Texas Instruments TLC5941NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS.
TLC5941
SLVS589D – JULY 2005 – REVISED JANUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
PART NUMBER
–40
°C to 85°C
28-pin HTSSOP PowerPAD™
TLC5941PWP
–40
°C to 85°C
32-pin 5 mm x 5 mm QFN
TLC5941RHB
–40
°C to 85°C
28-pin PDIP
TLC5941NT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VI
Input voltage range(2)
VCC
–0.3 V to 6 V
IO
Output current (dc)
90 mA
VI
Input voltage range
V(BLANK), V(SCLK), V(XLAT), V(MODE), V(SIN), V(GSCLK), V(IREF), V(TEST)
–0.3 V to VCC +0.3 V
V(SOUT), V(XERR)
–0.3 V to VCC +0.3 V
VO
Output voltage range
V(OUT0) to V(OUT15)
–0.3 V to 18 V
HBM (JEDEC JESD22-A114, Human Body Model)
2 kV
ESD rating
CDM (JEDEC JESD22-C101, Charged Device Model)
500 V
TJ(max) Operating junction temperature
150
°C
Tstg
Storage temperature range
–55
°C to 150°C
TA
Operating ambient temperature range
–40
°C to 85°C
HTSSOP (PWP)(4)
31.58
°C/W
Package thermal impedance(3)
QFN (RHB)(4)
35.9
°C/W
PDIP (NT)
48
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
With PowerPAD soldered on PCB with 2-oz. trace of copper. See TI application report SLMA002 for further information.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5941


Similar Part No. - TLC5941NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941NT TI-TLC5941NT Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5941NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
[Old version datasheet]   16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com