Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5928 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC5928
Description  16-Channel, Constant-Current LED Driver with LED Open Detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5928 Datasheet(HTML) 2 Page - Texas Instruments

  TLC5928_17 Datasheet HTML 1Page - Texas Instruments TLC5928_17 Datasheet HTML 2Page - Texas Instruments TLC5928_17 Datasheet HTML 3Page - Texas Instruments TLC5928_17 Datasheet HTML 4Page - Texas Instruments TLC5928_17 Datasheet HTML 5Page - Texas Instruments TLC5928_17 Datasheet HTML 6Page - Texas Instruments TLC5928_17 Datasheet HTML 7Page - Texas Instruments TLC5928_17 Datasheet HTML 8Page - Texas Instruments TLC5928_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TLC5928
SBVS120E
– JULY 2008 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
TRANSPORT MEDIA, QUANTITY
TLC5928DBQR
Tape and Reel, 2500
TLC5928
SSOP-24/QSOP-24
TLC5928DBQ
Tube, 50
TLC5928PWR
Tape and Reel, 2000
TLC5928
TSSOP-24
TLC5928PW
Tube, 60
TLC5928PWPR
Tape and Reel, 2000
TLC5928
HTSSOP-24 PowerPAD
TLC5928PWP
Tube, 60
TLC5928RGER
Tape and Reel, 3000
TLC5928
QFN-24
TLC5928RGE
Tape and Reel, 250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TLC5928
UNIT
VCC
Supply voltage: VCC
–0.3 to +6.0
V
IOUT
Output current (dc)
OUT0 to OUT15
40
mA
VIN
Input voltage range
SIN, SCLK, LAT, BLANK, IREF
–0.3 to VCC + 0.3
V
SOUT
–0.3 to VCC + 0.3
V
VOUT
Output voltage range
OUT0 to OUT15
–0.3 to +18
V
TJ(MAX)
Operating junction temperature
+150
°C
TSTG
Storage temperature range
–55 to +150
°C
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
OPERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
SSOP-24/QSOP-24
14.3 mW/
°C
1782 mW
1140 mW
927 mW
TSSOP-24
9.6 mW/
°C
1194 mW
764 mW
621 mW
HTSSOP-24(1)
28.9 mW/
°C
3611 mW
2311 mW
1878 mW
QFN-24(2)
24.8 mW/
°C
3106 mW
1988 mW
1615 mW
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2 oz. copper. For more information, see SLMA002 (available
for download at www.ti.com).
(2)
The package thermal impedance is calculated in accordance with JESD51-5.
2
Submit Documentation Feedback
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC5928


Similar Part No. - TLC5928_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results

Similar Description - TLC5928_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
469Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
[Old version datasheet]   24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com