Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPG86P0804J Datasheet(PDF) 2 Page - AVX Corporation

Part # FPG86P0804J
Description  Medium Power Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FPG86P0804J Datasheet(HTML) 2 Page - AVX Corporation

  FPG86P0804J Datasheet HTML 1Page - AVX Corporation FPG86P0804J Datasheet HTML 2Page - AVX Corporation FPG86P0804J Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JUNE 2015
87
Medium Power Film Capacitors
FPG (FPH RoHS Compliant)
PROTECTION
APPLICATION NOTES
G.T.O. PROTECTION
Choice of voltage: V1 ≤ Vpeak
V2 ≤ Vndc
Maximum overvoltage ≤ Vs (10 s/day)
Capacitance range Cn
0.12μF to 6μF
Tolerance on Cn
±5%
Rated DC voltage Vndc
800 to 3000 V
Peak voltage Vpeak
1200 to 4000 V
Allowable overvoltage Vs (for 10 s/day)
1500 to 4600 V
Nominal RMS voltage Vndc
500 to 1400 V
Stray inductance
≈ 10 nH
RMS current
Irms max. = up to 80 A
The currents shown in the tables are maximum.
It is necessary to respect the thermal limits of the dielectric 85°C
see “Hot spot temperature calculation”
Insulation resistance
Ri x C ≥ 30,000 s
Impulse current
I2.t max. given in the tables
Spikes or peak currents in the capacitors may cause a deterioration of the
bonding between the metallization and the connections. These bonds are
capable of withstanding only a limited amount of energy for each spike. The
table shows the maximum energy permitted in the form (I2.t), where I is in
Ampere, and t is in seconds.
Note: The formula (I2.t) replaces dV/dt which is less easy to use as it is not an expression of energy (I = C.dV/dt).
This type of capacitor has been designed to withstand high (I2.t) values.
Variation of capacitance with temperature
ΔC
C
≤ ±2% between -40 and 85°C
Climatic category
40/085/56 (IEC 60068)
Test voltage between terminals @ 25°C
Vs during 10s
Test voltage between terminals
and case @ 25°C (Type test)
@ 4 kVrms @ 50 Hz during 1 min.
Dielectric
Polypropylene
ELECTRICAL CHARACTERISTICS
Nominal DC voltage (Vndc) and peak voltage (Vpeak) are given
in the table of values.


Similar Part No. - FPG86P0804J

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG86P0804J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com