Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB018D0562 Datasheet(PDF) 7 Page - AVX Corporation

Part # CB018D0562
Description  Film Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB018D0562 Datasheet(HTML) 7 Page - AVX Corporation

  CB018D0562 Datasheet HTML 1Page - AVX Corporation CB018D0562 Datasheet HTML 2Page - AVX Corporation CB018D0562 Datasheet HTML 3Page - AVX Corporation CB018D0562 Datasheet HTML 4Page - AVX Corporation CB018D0562 Datasheet HTML 5Page - AVX Corporation CB018D0562 Datasheet HTML 6Page - AVX Corporation CB018D0562 Datasheet HTML 7Page - AVX Corporation CB018D0562 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
45
Film Chip Capacitors
PPS DIELECTRIC – CB Series
RMS VOLTAGE AND CURRENT VERSUS FREQUENCY
MAXIMUM VOLTAGE (VRMS) AND CURRENT (IRMS) VS FREQUENCY
Typical curves results from measurement carried out at ambient temperature (25ºC) and sinusoidal wave-forms
(for size CB01 to CB03)
15
13
10
8
5
3
0
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
16Vdc
100nF
2.0
1.8
1.5
1.3
1.0
0.8
0.5
0.3
0.0
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
16Vdc
100nF
45
40
35
30
25
20
15
10
5
0
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
50Vdc
82nF
3.0
2.8
2.5
2.3
2.0
1.8
1.5
1.3
1.0
0.8
0.5
0.3
0.0
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
50Vdc
82nF
16 Vdc
16 Vdc
50 Vdc
50 Vdc


Similar Part No. - CB018D0562

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB012T2R2M ETC1-CB012T2R2M Datasheet
781Kb / 16P
   WOUND CHIP INDUCTORS
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Similar Description - CB018D0562

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
logo
EPCOS
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com