Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA20-11GWA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TA20-11GWA
Description  50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TA20-11GWA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TA20-11GWA Datasheet HTML 1Page - List of Unclassifed Manufacturers TA20-11GWA Datasheet HTML 2Page - List of Unclassifed Manufacturers TA20-11GWA Datasheet HTML 3Page - List of Unclassifed Manufacturers TA20-11GWA Datasheet HTML 4Page - List of Unclassifed Manufacturers TA20-11GWA Datasheet HTML 5Page - List of Unclassifed Manufacturers TA20-11GWA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: CDA0879
REV NO: V.1
DATE: NOV/18/2001
PAGE: 1 OF 6
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change whitout notice.
TA20-11EWA/GWA/YWA/SRWA
TC20-11EWA/GWA/YWA/SRWA
TBA20-11EGWA
TBC20-11EGWA
TBA20-12EGWA
TBC20-12EGWA
TBA20-22EGWA
TBC20-22EGWA
50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAYS
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting
Diode.
Features
!
2.0 INCH MATRIX HEIGHT.
!
DOT SIZE 5mm.
!
LOW CURRENT OPERATION.
!
HIGH CONTRAST AND LIGHT OUTPUT.
!
COMPATIBLE WITH ASCII AND EBCDIC CODES.
!
STACKABLE HORIZONTALLY.
!
COLUMN CATHODE AND COLUMN ANODE
AVAILABLE.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
APPLICABLE TO THREE COLORS - GREEN, ORANGE
AND YELLOW (MIXED COLOR).
!
CATEGORIZED FOR LUMINOUS INTENSITY.
!
MECHANICALLY RUGGED.
!
STANDARD: GRAY FACE, WHITE DOT.
Package Dimensions & Internal Circuit Diagram


Similar Part No. - TA20-11GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results

Similar Description - TA20-11GWA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
   2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com