Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPG86X0105J Datasheet(PDF) 1 Page - AVX Corporation

Part # FPG86X0105J
Description  Medium Power Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FPG86X0105J Datasheet(HTML) 1 Page - AVX Corporation

  FPG86X0105J Datasheet HTML 1Page - AVX Corporation FPG86X0105J Datasheet HTML 2Page - AVX Corporation FPG86X0105J Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
86
JUNE 2015
Medium Power Film Capacitors
FPG (FPH RoHS Compliant)
PROTECTION
ØDmax
Ød
M6/6 or M8/8
h
±2 (0.079)
Max Torque: 8.5Nm (M8)
4.5Nm (M6)
H
±0.5
(0.020)
h
±2 (0.079)
TPC
H 62
Dimensions: millimeters (inches)
General tolerance:
±2
A
Ø4 (0.16) A
Plastic Case
Resin
Tinned Output
DIMENSIONS
millimeters (inches)
MARKING
Logo
Withstanding surge voltage
Capacitance and tolerance in clear
Nominal DC voltage in clear
RMS current in clear
Date of manufacture (IEC coding)
PACKAGING MATERIAL
Cylindrical in plastic case filled with thermosetting resin.
Outputs: threaded inserts either M6 or M8.
Metallized polypropylene dielectric capacitor with controlled
self-healing.
Reinforced metallization on margins developed for high
impulse currents.
Axial connections specially developed to reduce series
inductance and to provide rigid mechanical mounting.
APPLICATIONS
Protection of gate turn-off thyristor (G.T.O.).
Medium frequency tuning.
HOT SPOT TEMPERATURE CALCULATION
See Hot Spot Temperature page 3.
θhot spot = θterminals + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
⇒ [ 12 x Cn x (Vpeak to peak)2 x f ] x (2 x 10-4)
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farads
Vin Volts
Irms in Amperes
Rs in Ohms
f in Hertz
θ in °C
Rth in °C/W
Due to the design of the capacitor and its technology,
the thermal impedance between the terminations and the
core of the capacitor is low, it is necessary to take care that
the capacitor is never overheated by use of incorrect sized
connections.
In the case where the series diodes are screwed to the
capacitor, cooling of the diodes must be taken in account.
Do not use the capacitor as a heat sink.
Due to the complexity of the diode/capacitor thermal
exchanges, we recommend that thermal measurements
shall be made on the different components. We would be
pleased to advise you on specific problems.
WORKING TEMPERATURE
(according to the power to be dissipated)
-40°C to +85°C
HOW TO ORDER
FPG
Series
FPG = Standard
FPH = RoHS Compliant
8
Case Size
Case Size 8
6
Dielectric
6 = Polypropylene
R
Voltage
Code
R = 1500V
N = 2000V
P = 2500V
W = 2600V
X = 3500V
Z = 4500V
Y = 4600V
0105
Capacitance
Code
0 + pF code
0105 = 1.0μF
0405 = 4.0μF
0604 = 0.6μF
etc.
J
Capacitance
Tolerances
J = ±5%
––
Terminal Code
– – = Standard
Not RoHS Compliant
Please select correct termination style.


Similar Part No. - FPG86X0105J

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG86X0105J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com