Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSB16U0154J Datasheet(PDF) 4 Page - AVX Corporation

Part # FSB16U0154J
Description  Medium Power Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FSB16U0154J Datasheet(HTML) 4 Page - AVX Corporation

  FSB16U0154J Datasheet HTML 1Page - AVX Corporation FSB16U0154J Datasheet HTML 2Page - AVX Corporation FSB16U0154J Datasheet HTML 3Page - AVX Corporation FSB16U0154J Datasheet HTML 4Page - AVX Corporation FSB16U0154J Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
89
031416
Medium Power Film Capacitors
FSB (RoHS Compliant)
* Insert K for 10% capacitance tolerance (standard): J = +5% tolerances available on request.
Last two characters terminal styles 90 = 90° terminals insert 18 =180°
Values outside this standard range may be available – please contact AVX for any special requirements.
AVX reserves the right to supply capacitors to a tighter capacitance tolerance or higher voltage rating, in the same case size.
Cap
Rated
AVX
Case
W
H
T
P1
P2
dv/dt
I peak
I rms
Rs
ESL
Rth
Packaging
(μF)
Voltage
Part Number
Size
±0.50
±0.50
±0.50
±0.50
±0.50
Volt/sec Amps
Amps
nH
ºC/W
Inner Box
±10%
(V)
90º
180º
(mm)
(mm)
(mm)
(mm)
(mm)
Vndc = 1200V
Vpeak = 1600V
Vrms = 560V
Vs = 2000V
Voltage Code: U
Qty
Size
0.33 1200
FSBA6U0334K90
FSBA6U0334K18
A
42.5
27.5
24.5
23~28
11.0
1000.0 330.0
9.3
7.4
18.0
20.3
42
360*170*80
0.39 1200
FSBA6U0394K90
FSBA6U0394K18
A
42.5
27.5
24.5
23~28
11.0
1000.0 390.0
10.5
6.4
18.0
18.7
42
360*170*80
0.47 1200
FSBA6U0474K90
FSBA6U0474K18
A
42.5
27.5
24.5
23~28
11.0
1000.0 470.0
11.9
5.5
18.0
16.3
42
360*170*80
0.56 1200
FSBA6U0564K90
FSBA6U0564K18
A
42.5
27.5
24.5
23~28
11.0
1000.0 560.0
13.7
4.8
18.0
14.9
42
360*170*80
0.68 1200
FSBB6U0684K90
FSBB6U0684K18
B
42.5
35.5
33.5
23~28
11.0
1000.0 680.0
16.5
4.1
20.0
12.0
35
360*170*80
0.82 1200
FSBB6U0824K90
FSBB6U0824K18
B
42.5
35.5
33.5
23~28
11.0
1000.0 820.0
18.5
3.6
20.0
11.0
35
360*170*80
1.00 1200
FSB66U0105K90
FSB66U0105K18
6
42.5
45.0
30.0
23~28
11.0
1000.0 1000.0
17.3
3.7
25.0
12.3
40
360*170*80
1.20 1200
FSBB6U0125K90
FSBB6U0125K18
B
42.5
35.5
33.5
23~28
11.0
1000.0 1200.0
18.4
3.3
20.0
12.4
35
360*170*80
1.20 1200
FSB66U0125K90
FSB66U0125K18
6
42.5
45.0
30.0
23~28
11.0
1200.0 1440.0
26.0
3.4
25.0
17.5
40
360*170*80
1.50 1200
FSB66U0155K90
FSB66U0155K18
6
42.5
45.0
30.0
23~28
11.0
870.0 1305.0
26.0
3.4
25.0
17.5
40
360*170*80
1.50 1200
FSBB6U0155K90
FSBB6U0155K18
B
42.5
35.5
33.5
23~28
11.0
1000.0 1500.0
21.0
2.8
20.0
11.2
35
360*170*80
2.00 1200
FSB96U0205K90
FSB96U0205K18
9
42.5
45.0
30.0
23~28
11.0
870.0 1740.0
28.0
2.8
25.0
7.2
25
360*170*80
2.00 1200
FSB86U0205K90
FSB86U0205K18
8
57.5
45.0
30.0
37~39
24.0
575.0 1150.0
19.7
2.4
35.0
8.8
25
360*170*80
2.20 1200
FSB86U0225K90
FSB86U0225K18
8
57.5
45.0
30.0
37~39
24.0
500.0 1100.0
21.0
4.2
35.0
8.1
25
360*170*80
2.20 1200
FSB76U0225K90
FSB76U0225K18
7
57.5
50.0
35.0
37~39
24.0
575.0 1265.0
21.4
3.9
38.0
7.6
20
360*170*80
2.50 1200
FSB86U0255K90
FSB86U0255K18
8
57.5
45.0
30.0
37~39
24.0
500.0 1250.0
21.2
4.9
35.0
7.9
25
360*170*80
3.00 1200
FSB76U0305K90
FSB76U0305K18
7
57.5
50.0
35.0
37~39
24.0
575.0 1725.0
32.8
4.3
38.0
6.5
20
360*170*80
3.30 1200
FSB76U0335K90
FSB76U0335K18
7
57.5
50.0
35.0
37~39
24.0
500.0 1650.0
28.2
3.0
38.0
6.2
20
360*170*80
Vndc = 1500V
Vpeak = 1950V
Vrms = 600V
Vs = 2250V
Voltage Code: G
Qty
Size
0.33 1500 FSBA6G0334K90 FSBA6G0334K18
A
42.5
27.5
24.5
23~28 11.00 1220.0 402.6
14.0
6.0
18.0
17.0
42
360*170*80
0.39 1500 FSBA6G0394K90 FSBA6G0394K18
A
42.5
27.5
24.5
23~28 11.00 1220.0 475.8
14.5
5.6
18.0
15.9
42
360*170*80
0.47 1500 FSBB6G0474K90 FSBB6G0474K18
B
42.5
35.5
33.5
23~28 11.00 1220.0 573.4
19.0
4.8
20.0
11.0
35
360*170*80
0.68 1500 FSBB6G0684K90 FSBB6G0684K18
B
42.5
35.5
33.5
23~28 11.00 1220.0 829.6
21.0
4.0
20.0
9.8
35
360*170*80
0.75 1500 FSBB6G0754K90 FSBB6G0754K18
B
42.5
35.5
33.5
23~28 11.00 1220.0 915.0
22.0
3.6
20.0
9.4
35
360*170*80
1.00 1500
FSB96G0105K90
FSB96G0105K18
9
42.5
45.0
33.0
23~28 11.00 1220.0 1220.0
23.0
3.3
25.0
7.4
40
360*170*80
1.20 1500
FSB86G0125K90
FSB86G0125K18
8
57.5
45.0
30.0
37~39 24.00
870.0 1044.0
26.0
3.6
35.0
7.3
25
360*170*80
1.50 1500
FSB76G0155K90
FSB76G0155K18
7
57.5
50.0
35.0
37~39 24.00
725.0 1087.5
29.5
3.3
38.0
5.9
20
360*170*80
1.80 1500
FSB76G0185K90
FSB76G0185K18
7
57.5
50.0
35.0
37~39 24.00
725.0 1305.0
30.5
3.0
38.0
5.6
20
360*170*80
Vndc = 2000V
Vpeak = 2400V
Vrms = 700V
Vs = 2600V
Voltage Code: N
Qty
Size
0.10 2000 FSBA6N0104K90 FSBA6N0104K18
A
42.5
27.5
24.5
23~28
11.0
1600.0 160.0
8.5
16.3
18.0
23.6
42
360*170*80
0.15 2000 FSBA6N0154K90 FSBA6N0154K18
A
42.5
27.5
24.5
23~28
11.0
1600.0 240.0
11.0
9.8
18.0
18.8
42
360*170*80
0.22 2000 FSBA6N0224K90 FSBA6N0224K18
A
42.5
27.5
24.5
23~28
11.0
1600.0 352.0
13.5
6.6
18.0
15.3
42
360*170*80
0.33 2000 FSBA6N0334K90 FSBA6N0334K18
A
42.5
27.5
24.5
23~28
11.0
1220.0 402.6
12.5
9.6
18.0
15.1
42
360*170*80
0.33 2000 FSBB6N0334K90 FSBB6N0334K18
B
42.5
35.5
33.5
23~28
11.0
1600.0 528.0
18.0
5.3
20.0
9.8
35
360*170*80
0.39 2000 FSBB6N0394K90 FSBB6N0394K18
B
42.5
35.5
33.5
23~28
11.0
1000.0 390.0
17.5
4.7
20.0
9.4
35
360*170*80
0.47 2000
FSB66N0474K90
FSB66N0474K18
6
42.5
45.0
30.0
23~28
11.0
1600.0 752.0
22.0
6.3
25.0
19.4
40
360*170*80
0.56 2000
FSB66N0564K90
FSB66N0564K18
6
42.5
45.0
30.0
23~28
11.0
1600.0 896.0
23.0
5.2
25.0
17.9
40
360*170*80
0.68 2000
FSB66N0684K90
FSB66N0684K18
6
42.5
45.0
30.0
23~28
11.0
1200.0 816.0
24.0
4.4
25.0
17.3
40
360*170*80
0.68 2000 FSBB6N0684K90 FSBB6N0684K18
B
42.5
35.5
33.5
23~28
11.0
1220.0 829.6
18.0
6.5
20.0
7.1
35
360*170*80
0.82 2000
FSB96N0824K90
FSB96N0824K18
9
42.5
45.0
33.0
23~28
11.0
1220.0 1000.4
20.0
6.0
25.0
7.0
40
360*170*80
0.82 2000
FSB86N0824K90
FSB86N0824K18
8
57.5
45.0
30.0
37~39
24.0
930.0
762.6
24.5
4.0
35.0
7.4
25
360*170*80
1.00 2000
FSB96N0105K90
FSB96N0105K18
9
42.5
45.0
33.0
23~28
11.0
1220.0 1220.0
21.5
5.3
25.0
6.9
40
360*170*80
1.00 2000
FSB76N0105K90
FSB76N0105K18
7
57.5
50.0
35.0
37~39
24.0
930.0
930.0
28.0
3.6
38.0
6.0
20
360*170*80
1.20 2000
FSB86N0125K90
FSB86N0125K18
8
57.5
45.0
30.0
37~39
24.0
725.0
870.0
22.5
5.9
35.0
6.6
25
360*170*80
1.50 2000
FSB76N0155K90
FSB76N0155K18
7
57.5
50.0
35.0
37~39
24.0
725.0 1087.5
26.0
5.2
38.0
4.9
20
360*170*80


Similar Part No. - FSB16U0154J

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
FSB1014 ECM-FSB1014 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-102 ECM-FSB1014-102 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-103 ECM-FSB1014-103 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-104 ECM-FSB1014-104 Datasheet
73Kb / 3P
   Shielded Radial Inductors
FSB1014-122 ECM-FSB1014-122 Datasheet
73Kb / 3P
   Shielded Radial Inductors
More results

Similar Description - FSB16U0154J

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com